Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA12C-7 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SMDA12C-7
Description  Bidirectional TVS Array for Protection of Seven Lines????
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA12C-7 Datasheet(HTML) 7 Page - Semtech Corporation

  SMDA12C-7 Datasheet HTML 1Page - Semtech Corporation SMDA12C-7 Datasheet HTML 2Page - Semtech Corporation SMDA12C-7 Datasheet HTML 3Page - Semtech Corporation SMDA12C-7 Datasheet HTML 4Page - Semtech Corporation SMDA12C-7 Datasheet HTML 5Page - Semtech Corporation SMDA12C-7 Datasheet HTML 6Page - Semtech Corporation SMDA12C-7 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMDA05C-7 THRU SMDA24C-7
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
B
T
.
7
-
C
5
0
A
D
M
SV
50
0
5h
c
n
I
7
E
T
.
7
-
C
5
0
A
D
M
SV
50
0
5
,
2h
c
n
I
3
1
B
T
.
7
-
C
2
1
A
D
M
SV
2
10
0
5h
c
n
I
7
E
T
.
7
-
C
2
1
A
D
M
SV
2
10
0
5
,
2h
c
n
I
3
1
B
T
.
7
-
C
5
1
A
D
M
SV
5
10
0
5h
c
n
I
7
E
T
.
7
-
C
5
1
A
D
M
SV
5
10
0
5
,
2h
c
n
I
3
1
B
T
.
7
-
C
4
2
A
D
M
SV
4
20
0
5h
c
n
I
7
E
T
.
7
-
C
4
2
A
D
M
SV
4
20
0
5
,
2h
c
n
I
3
1
Note:
(1) No suffix indicates tube pack.
Ordering Information


Similar Part No. - SMDA12C-7

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDA12C-7 MCC-SMDA12C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA12C-7 MICROSEMI-SMDA12C-7 Datasheet
94Kb / 2P
   TVSarray Series
logo
Semtech Corporation
SMDA12C-7 SEMTECH-SMDA12C-7 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Socay Electornics Co., ...
SMDA12C-7 SOCAY-SMDA12C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA12C-7 SOCAY-SMDA12C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results

Similar Description - SMDA12C-7

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C-7 LEIDITECH-SMDA05C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA12C-7 LEIDITECH-SMDA12C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA24C-7 LEIDITECH-SMDA24C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
logo
Semtech Corporation
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com