Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1599 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SK1599
Description  1:5 Signal Distribution
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK1599 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SK1599 Datasheet HTML 4Page - Semtech Corporation SK1599 Datasheet HTML 5Page - Semtech Corporation SK1599 Datasheet HTML 6Page - Semtech Corporation SK1599 Datasheet HTML 7Page - Semtech Corporation SK1599 Datasheet HTML 8Page - Semtech Corporation SK1599 Datasheet HTML 9Page - Semtech Corporation SK1599 Datasheet HTML 10Page - Semtech Corporation SK1599 Datasheet HTML 11Page - Semtech Corporation SK1599 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Revision 1/ January 23, 2001
HIGH-PER.ORMANCE PRODUCTS
8
www.semtech.com
PRELIMINARY
The SK1501 is an extremely fast, stable, and accurate
low skew 1:5 clock / signal distributor featuring a
synchronous enable, which allows the outputs to be
turned off and on without the risk of an unpredictable
output pulse.
The D - flip-flop is triggered on the
falling edge of the clock.
The SK1501 uses open emitter outputs with a double
amplitude swing suitable for the following applications:
• TTL compatible destinations
• Double termination situations that require
a full swing at the destination
• Long cables
VCC
VEE
4.5V
or
5.2V
1.9V
1.4V
Description
.eatures
Pin Description
Package Information
.unctional Block Diagram
1:5 Clock/Data Driver
2 GHz Fmax
4.5V / 5.2V Compatible
IN
IN*
CLK
CLK*
SEL*
SEL
OUT0
OUT0*
D
D*
Q
Q*
OUT1
OUT1*
OUT2
OUT2*
OUT3
OUT3*
OUT4
OUT4*
0
1
VEE
SEL
SEL*
CLK
CLK*
IN
IN*
VCC
VCC
N/C
N/C
OUT2
OUT2*
N/C
N/C
VEE
32 pin, 5 mm x 5 mm
TQFP Package
OUT
OUT*
VCC
Output Options
Open Emitter
Output Swing
SK1501
1:5 Signal Distribution


Similar Part No. - SK1599

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SK159 THINKISEMI-SK159 Datasheet
774Kb / 2P
   15.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
SK159 THINKISEMI-SK159 Datasheet
791Kb / 2P
   15.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
More results

Similar Description - SK1599

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1900 SEMTECH-SK1900 Datasheet
929Kb / 30P
   1:9 Signal Distribution?
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com