Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK10LVE111 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SK10LVE111
Description  Low Voltage 1:9 Differential ECL/ PECL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK10LVE111 Datasheet(HTML) 5 Page - Semtech Corporation

  SK10LVE111 Datasheet HTML 1Page - Semtech Corporation SK10LVE111 Datasheet HTML 2Page - Semtech Corporation SK10LVE111 Datasheet HTML 3Page - Semtech Corporation SK10LVE111 Datasheet HTML 4Page - Semtech Corporation SK10LVE111 Datasheet HTML 5Page - Semtech Corporation SK10LVE111 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMTECH
Today's Results
...Tomorrow's Vision
SK10LVE111
SK100LVE111
Low Voltage 1:9 Differential
ECL/ PECL Clock Driver
AC Characteristics
(VEE = VEE (min) to VEE (max); VCC = VCCO = GND) (Note 4)
-0
4 oC
0oC
5
2 oC
5
8 oC
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
n
i
M
p
y
T
x
a
M
t
i
n
U
d
n
o
C
t
H
L
P
t
L
H
P
o
t
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
t
u
p
t
u
O
)
l
a
i
t
n
e
r
e
f
f
i
D
(
N
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
N
I
0
0
4
0
5
3
0
5
6
0
0
7
5
3
4
5
8
3
5
2
6
5
7
6
0
4
4
0
9
3
0
3
6
0
8
6
5
4
4
5
9
3
5
3
6
5
8
6
s
p
.
8
.
9
t
w
e
k
s
w
e
k
S
e
c
i
v
e
D
-
n
i
h
t
i
W
)
f
f
i
D
(
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
5
0
5
2
0
5
0
5
2
0
5
0
5
2
0
5
0
5
2
s
p
.
0
1
V P
P
g
n
i
w
S
t
u
p
n
I
m
u
m
i
n
i
M0
0
50
0
50
0
50
0
5V
m.
1
1
V
R
M
C
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C- 5
.
1- 4
.
0- 5
.
1- 4
.
0- 5
.
1- 4
.
0- 5
.
1- 4
.
0V
.
2
1
tr t
, f
e
m
i
T
ll
a
F
/
e
s
i
R
%
0
8
o
t
%
0
2
0
0
20
0
60
0
20
0
60
0
20
0
60
0
20
0
6s
p%
0
2-
%
0
8
1. 10LVE circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
Outputs are termionated through a 50
Ω resistor to –2.0V.
2. The same DC parameter values apply across the full VEE range of –3.0 to –3.8V. Outputs are terminated through a 50
resistor to –2.0V. 100LVE circuits are designed to meet the DC specifications shown in the table where transverse airflow
greater than 500 lfpm is maintained.
3. Absolute maximum rating, beyond which device life may be impaired unless otherwise specificed on an individual data sheet.
4. Parametric values specified at:
10LVE Series:
–3.0 to –3.8V
100 LVE Series: –3.0 to –3.8V; PECL Power Supply: +3.0V to +3.8V.
5. Guaranteed HIGH signal for all inputs.
6. Guaranteed LOW signal for all inputs.
7. These values are for VCC = 3.3V. Level Specifications will vary 1:1 with VCC.
8. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing
point of the differential output signals.
9. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of theoutput
signal.
10. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
11. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The
VPP(min) is AC limited for the E111 as a differential input as low as 50 mV will still produce full ECL levels at the output.
12. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay
specification. The VIL level must be such that the peak-to-peak voltage is less than 1.0V and greater than or equal to
VPP(min).


Similar Part No. - SK10LVE111

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
More results

Similar Description - SK10LVE111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com