Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7908PI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SN7908PI
Description  3 Terminal 1A Negative Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7908PI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SN7908PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
KSD-I0O011-002
2
Jan. 2011 REV. 02
Product Name
VOUT
Operating
Temperature
Package
SN7905D
-5.0V
-40~125℃
TO-252-3L
SN7906D
-6.0V
-40~125℃
TO-252-3L
SN7908D
-8.0V
-40~125℃
TO-252-3L
SN7909D
-9.0V
-40~125℃
TO-252-3L
SN7910D
-10V
-40~125℃
TO-252-3L
SN7912D
-12V
-40~125℃
TO-252-3L
SN7915D
-15V
-40~125℃
TO-252-3L
SN7918D
-18V
-40~125℃
TO-252-3L
SN7924D
-24V
-40~125℃
TO-252-3L
SN7905PI
-5.0V
-40~125℃
TO-220F-3L
SN7906PI
-6.0V
-40~125℃
TO-220F-3L
SN7908PI
-8.0V
-40~125℃
TO-220F-3L
SN7909PI
-9.0V
-40~125℃
TO-220F-3L
SN7910PI
-10V
-40~125℃
TO-220F-3L
SN7912PI
-12V
-40~125℃
TO-220F-3L
SN7915PI
-15V
-40~125℃
TO-220F-3L
SN7918PI
-18V
-40~125℃
TO-220F-3L
SN7924PI
-24V
-40~125℃
TO-220F-3L
◈ Pin Configuration
◈ Product Line-up
TO-252-3L
1: GND
2: VIN
3: VOUT
4: VIN
2
1
3
4
1
2
3
TO-220F-3L
1: GND
2: VIN
3: VOUT
SN79xxx


Similar Part No. - SN7908PI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L05F KODENSHI-SN79L05F Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L05L KODENSHI-SN79L05L Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L06 KODENSHI-SN79L06 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L06F KODENSHI-SN79L06F Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
More results

Similar Description - SN7908PI

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com