Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7809PI Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SN7809PI
Description  3 Terminal 1A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7809PI Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SN7809PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
KSD-I0O008-004
3
Jan. 2010 REV. 04
Parameter
Symbol
Limits
Unit
TO-220F-3L
TO-252-3L
Input Voltage
VIN
40.0 ( VO=24V )
V
35.0 ( VO=5 to 18V )
Power Dissipation
Pd
2.0
1.3
W
Thermal Resistance Junction to Case
RΘJC
5
5
°C/W
Thermal Resistance Junction to Air
RΘJA
65
92
°C/W
Junction Temperature
TJ
150
°C
Operate Temperature Range
Topr
-40 ~ +125
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum
allowable power dissipation is a function of the maximum junction temperature, TJ(max) ,
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA.
The maximum allowable power dissipation at any ambient temperature is calculated using:
PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in
excessive die temperature, and the regulator will go into thermal shutdown.
Absolute Maximum Ratings ( Ta = 25℃ )
SN78xxx


Similar Part No. - SN7809PI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7809BDJ KODENSHI-SN7809BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7809BPI KODENSHI-SN7809BPI Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN7809PI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com