Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7824D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SN7824D
Description  3 Terminal 1A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7824D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SN7824D Datasheet HTML 1Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 2Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 3Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7824D Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
KSD-I0O008-004
2
Jan. 2010 REV. 04
Product Name
VOUT
Operating
Temperature
Package
SN7805D
5.0V
-40~125℃
TO-252-3L
SN7806D
6.0V
-40~125℃
TO-252-3L
SN7808D
8.0V
-40~125℃
TO-252-3L
SN7809D
9.0V
-40~125℃
TO-252-3L
SN7810D
10V
-40~125℃
TO-252-3L
SN7812D
12V
-40~125℃
TO-252-3L
SN7815D
15V
-40~125℃
TO-252-3L
SN7818D
18V
-40~125℃
TO-252-3L
SN7824D
24V
-40~125℃
TO-252-3L
SN7805PI
5.0V
-40~125℃
TO-220F-3L
SN7806PI
6.0V
-40~125℃
TO-220F-3L
SN7808PI
8.0V
-40~125℃
TO-220F-3L
SN7809PI
9.0V
-40~125℃
TO-220F-3L
SN7810PI
10V
-40~125℃
TO-220F-3L
SN7812PI
12V
-40~125℃
TO-220F-3L
SN7815PI
15V
-40~125℃
TO-220F-3L
SN7818PI
18V
-40~125℃
TO-220F-3L
SN7824PI
24V
-40~125℃
TO-220F-3L
Pin Configuration
Product Line-up
TO-252-3L
1: VIN
2: GND
3: VOUT
4: GND
2
1
3
4
1
2
3
TO-220F-3L
1: VIN
2: GND
3: VOUT
SN78xxx


Similar Part No. - SN7824D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7824BDJ KODENSHI-SN7824BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7824BPI KODENSHI-SN7824BPI Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN7824D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com