Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7818D Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # SN7818D
Description  3 Terminal 1A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7818D Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

Back Button SN7818D Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 9Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 10Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 11Page - KODENSHI_AUK CORP. SN7818D Datasheet HTML 12Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
KSD-I0O008-004
8
Jan. 2010 REV. 04
( VIN=16V, CIN = 0.33uF, COUT = 0.1 uF, IOUT = 500mA, TJ=0 ~125
℃℃
; unless otherwise specified )
Characteristic
Symbol
Test Condition*
SN7810x
Unit
Min.
Typ.
Max.
Output Voltage**
VO
TJ =25℃
9.60
10.00
10.40
V
12.5V ≤ VIN ≤ 25.0V
5.0mA ≤ IO ≤ 1.0A, PD ≤ 15W
9.50
10.00
10.50
Line Regulation
VO(△VI)
12.5V ≤ VIN ≤ 25.0V
TJ =25℃
-
10.0
200
mV
13.0V ≤ VIN ≤ 18.0V
-
3.0
100
Load Regulation
VO(△IL)
5.0mA ≤ IO ≤ 1.5A
TJ =25℃
-
12.0
200
mV
250mA ≤ IO ≤ 750mA
-
4.0
100
Quiescent Current
IQC
TJ =25℃
-
5.1
8.0
mA
Quiescent Current Change
IQC
12.5V ≤ VIN ≤ 29V
-
-
1.0
mA
5.0mA ≤ IO ≤ 1.0A
-
-
0.5
Ripple Rejection
RR
13.0V ≤ VIN ≤ 23.0V
f=120Hz
56
71
-
dB
Dropout Voltage
VDROP
IO=1.0A
TJ =25℃
-
2.0
-
V
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
TA =25℃
-
58
-
uV/ VO
Output Resistance
rO
f=1.0kHz
-
17
-
mΩ
Short Circuit Current
ISC
VI =35V,
TA =25℃
-
250
-
mA
Peak Output Current
IPK
TJ =25℃
-
2.2
-
A
Temperature coefficient of
Output voltage
VO/
Temp
IO=5.0mA
-
-1.0
-
mV/
°C
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
Electrical characteristics
SN78xxx


Similar Part No. - SN7818D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7818BDJ KODENSHI-SN7818BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7818BPI KODENSHI-SN7818BPI Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN7818D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com