Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN79L18 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SN79L18
Description  3 Terminal Negative Voltage Regulator [100mA]
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN79L18 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SN79L18 Datasheet HTML 1Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 2Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 3Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 4Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 5Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 6Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 7Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 8Page - KODENSHI_AUK CORP. SN79L18 Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
KSD-I5B008-000
1
December, 2010 REV. 00
SN79Lxxx
3 Terminal Negative Voltage Regulator [100mA]
▲ Marking Detail Information
Device Code
Grade & Year & Week Code
Product
Marking
Package
SN79Lxx
79Lxx
TO-92
SN79LxxL
79Lxx
TO-92L
SN79LxxF
79Lxx
SOT-89
Description
The SN79Lxxx series are three-terminal Negative regulators providing
over 100mA output current with internal current limiting, thermal
shutdown and safe area protection. These regulators are useful in
a wide range of applications. Although they are just fixed voltage
regulators, the SN79Lxxx series can be used with external components to
obtain adjustable voltages and Currents. It also contains the TCE Cell to
protect internal circuit from ESD damage.
Application
Consumer and personal electronics
SMPS post-regulator / dc-to-dc modules
High-efficiency linear power supplies
Features and Benefits
Maximum Output Current up to 150mA
Output Voltage : -5, -6, -8, -12, -15, -18, -24V
Built in OVP, Short Circuit Current Limiting.
Built in TSD Protection.
No External Components Required.
Ultra High level of ESD [ Built in ESD Protection Cell ]
MM : 500V / HBM 5KV↑
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
http:// www.auk.co.kr
ORDERING INFORMATION
Equivalent Circuit
TO-92
SOT-89
79Lxx(①)
GYWW (②)
TO-92L
Circuitry
Protection
Voltage
Reference
GND
2
VIN
1
3
VOUT
R2
R1
Error
Amp
Rsc
Q1
Q2
I1
I2


Similar Part No. - SN79L18

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7905D KODENSHI-SN7905D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7905PI KODENSHI-SN7905PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906D KODENSHI-SN7906D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906PI KODENSHI-SN7906PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7908D KODENSHI-SN7908D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
More results

Similar Description - SN79L18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1907 NTE-NTE1907 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -18V, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com