Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN79L08 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SN79L08
Description  3 Terminal Negative Voltage Regulator [100mA]
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN79L08 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SN79L08 Datasheet HTML 1Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 2Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 3Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 4Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 5Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 6Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 7Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 8Page - KODENSHI_AUK CORP. SN79L08 Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
KSD-I5B008-000
4
December, 2010 REV. 00
( VIN=-10V, CIN = 0.33uF, COUT = 0.1 uF, IOUT = 40mA, TJ=0℃~125℃ ; unless otherwise specified )
Characteristic
Symbol
Test Condition*
SN79L05x
Unit
Min.
Typ.
Max.
Output Voltage**
VO
TJ =25℃
-4.80
-5.0
-5.20
V
Line Regulation
VO(△VI)
-7.0V ≤ VIN ≤ -20.0V
TJ =25℃
-
60
150
mV
-8.0V ≤ VIN ≤ -20.0V
-
-
100
Load Regulation
VO(△IL)
1.0mA ≤ IO ≤ 100mA
TJ =25℃
-
20
60
mV
1.0mA ≤ IO ≤ 40mA
-
10
30
Output Voltage
VO
-7.0V ≤ VIN ≤ -20.0V, 1.0mA ≤ IO ≤ 40mA
-4.75
-
-5.25
V
VIN = -10V, 1.0mA ≤ IO ≤ 70mA
-4.75
-
-5.25
Quiescent Current
IQC
TJ =25℃
-
3.0
6.0
mV
TJ =125℃
-
-
5.5
Quiescent Current Change
∆IQC
-8.0V ≤ VIN ≤ -20V
-
-
1.5
mA
1.0mA ≤ IO ≤ 40mA
-
-
0.1
Ripple Rejection
RR
-8.0V ≤ VIN ≤ -18.0V, f=120Hz
41
49
-
dB
Dropout Voltage
VDROP
TJ =25℃
-
1.7
-
V
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
TA =25℃
-
40
-
uV/ VO
Temperature coefficient of
Output voltage
VO/
Temp
IO=5.0mA
-
-0.6
-
mV/
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
◈ Electrical characteristics
SN79Lxxx


Similar Part No. - SN79L08

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7905D KODENSHI-SN7905D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7905PI KODENSHI-SN7905PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906D KODENSHI-SN7906D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7906PI KODENSHI-SN7906PI Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
SN7908D KODENSHI-SN7908D Datasheet
559Kb / 17P
   3 Terminal 1A Negative Voltage Regulator
More results

Similar Description - SN79L08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1907 NTE-NTE1907 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -18V, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com