Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK0825D Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SMK0825D
Description  SWITCHING REGULATOR APPLICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0825D Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMK0825D Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0825D Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0825D Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0825D Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0825D Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0825D Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0825D Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0825D Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. date: 12-AUG-11
KSD-T6O031-001
www.auk.co.kr
1 of 8
SMK0825D
Advanced N-Ch Power MOSFET
SWITCHING REGULATOR APPLICATION
Features
 High voltage: BVDSS=250V (Min.)
 Low gate charge: Qg=14.5nC (Typ.)
 Low drain-source On resistance: RDS(on)=0.43Ω (Max.)
 RoHS compliant device
 Halogen free package
Ordering Information
Part Number
Marking
Package
SMK0825D
SMK0825
TO-252
Marking Information
Absolute maximum ratings (T
C=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
250
V
Repetitive Avalanche Voltage
(Note 1, 2)
VDS(Avalanche)
300
V
Gate-source voltage
VGSS
30
V
Drain current (DC)
*
ID
Tc=25C
8
A
Tc=100C
5.2
A
Drain current (Pulsed)
*
IDM
32
A
Single pulsed avalanche energy
(Note 2)
EAS
356
mJ
Repetitive avalanche current
(Note 1)
IAR
8
A
Repetitive avalanche energy
(Note 1)
EAR
7.4
mJ
Power dissipation
PD
48
W
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
C
* Limited only maximum junction temperature
TO-252
D
G
S
SMK
0825
YWW
Column 1, 2: Device Code
Column 3: Production Information
e.g.) YWW
-. YWW: Date Code (year, week)
-.
□: Factory Code (‘A’: AUK, ‘S’: SP Semi.)


Similar Part No. - SMK0825D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK0825D KODENSHI-SMK0825D Datasheet
341Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825D KODENSHI-SMK0825D Datasheet
328Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0825D2 KODENSHI-SMK0825D2 Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825D2 KODENSHI-SMK0825D2 Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825D KODENSHI-SMK0825D_15 Datasheet
328Kb / 8P
   Advanced N-Ch Power MOSFET
More results

Similar Description - SMK0825D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN03T80IS KODENSHI-SMN03T80IS Datasheet
391Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
   SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
   Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
   SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
   SWITCHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TK60D08J1 TOSHIBA-TK60D08J1 Datasheet
197Kb / 6P
   Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK0460D KODENSHI-SMK0460D Datasheet
334Kb / 8P
   SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com