Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ432AN Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SJ432AN
Description  Programmable Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ432AN Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SJ432AN Datasheet HTML 1Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ432AN Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KSD-I0A016-001
2
SEPT. 2010 Rev01
SJ432xx
Vref Tolerance
PKG Type
Device Name
Marking
TO-92
SJ432A
SJ432A
TO-92M
SJ432AM
SJ432A
SOT-23
SJ432AS
2GA□
1)
±
1%
SOT-25
SJ432AN
2NA□
1)
TO-92
SJ432B
SJ432B
TO-92M
SJ432BM
SJ432B
SOT-23
SJ432BS
2GB□
1)
±
0.5%
SOT-25
SJ432BN
2NB□
1)
Note 1) □ : Year & Week Code
Symbol
Functional block diagram
REF
Reference(R)
+
-
V
Cathode(K)
Anode(A)
=1.24V
◈ Ordering Information


Similar Part No. - SJ432AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ432AN KODENSHI-SJ432AN Datasheet
333Kb / 11P
   Programmable Voltage Reference
More results

Similar Description - SJ432AN

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com