Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3317-H Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SI3317-H
Description  Colorless transparency lens type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SI3317-H Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SI3317-H Datasheet HTML 1Page - KODENSHI_AUK CORP. SI3317-H Datasheet HTML 2Page - KODENSHI_AUK CORP. SI3317-H Datasheet HTML 3Page - KODENSHI_AUK CORP. SI3317-H Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O2B044-002
2
SI3317-H / SI3317-H(B)
Absolute Maximum Ratings
(Ta=25℃)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
145
mW
*1Forward current
IF
100
mA
*2Peak forward current
IFP
1
A
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25 85
Storage temperature range
Tstg
-30 100
*3Soldering temperature
Tsol
260
for
10 seconds
*1. Avoid operating under continuous bias
*2.Duty ratio = 1/100, Pulse width = 0.1ms
*3.Keep the distance more than 2.0mm from PCB to the bottom of IRED package
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 50mA
-
1.3
1.5
V
Radiant intensity
IE
IF= 50mA
12
25
-
mW/Sr
Peak wavelength
λP
IF= 50mA
-
950
-
nm
Spectrum bandwidth
Δλ
IF= 50mA
-
50
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*4Half angle
θ1/2
IF= 50mA
-
±22
-
deg
*4. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Similar Part No. - SI3317-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SI3317-H AUK-SI3317-H Datasheet
171Kb / 4P
   IRED
SI3317-HB AUK-SI3317-HB Datasheet
171Kb / 4P
   IRED
More results

Similar Description - SI3317-H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SM2333T KODENSHI-SM2333T Datasheet
276Kb / 3P
   Colorless transparency lens type
SI5311-H KODENSHI-SI5311-H Datasheet
221Kb / 4P
   Colorless transparency lens type
SI5312-H KODENSHI-SI5312-H Datasheet
226Kb / 4P
   Colorless transparency lens type
SI5313-H KODENSHI-SI5313-H Datasheet
206Kb / 4P
   Colorless transparency lens type
SI5315-H KODENSHI-SI5315-H Datasheet
198Kb / 4P
   Colorless transparency lens type
SA2336-G KODENSHI-SA2336-G Datasheet
205Kb / 5P
   Colorless transparency lens type
SA2336-D KODENSHI-SA2336-D Datasheet
206Kb / 5P
   Colorless transparency lens type
SA2336-E KODENSHI-SA2336-E Datasheet
205Kb / 5P
   Colorless transparency lens type
SAM5370 KODENSHI-SAM5370 Datasheet
311Kb / 3P
   Colorless transparency lens type
SA3317-F KODENSHI-SA3317-F Datasheet
318Kb / 3P
   Colorless transparency lens type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com