Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3903 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N3903
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3903 Datasheet(HTML) 5 Page - ON Semiconductor

  2N3903_10 Datasheet HTML 1Page - ON Semiconductor 2N3903_10 Datasheet HTML 2Page - ON Semiconductor 2N3903_10 Datasheet HTML 3Page - ON Semiconductor 2N3903_10 Datasheet HTML 4Page - ON Semiconductor 2N3903_10 Datasheet HTML 5Page - ON Semiconductor 2N3903_10 Datasheet HTML 6Page - ON Semiconductor 2N3903_10 Datasheet HTML 7Page - ON Semiconductor 2N3903_10 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
5
TYPICAL TRANSIENT CHARACTERISTICS
Figure 3. Capacitance
REVERSE BIAS VOLTAGE (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
5000
1.0
VCC = 40 V
IC/IB = 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20 30 40
0.2 0.3
0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25°C
TJ = 125°C
Figure 5. Turn−On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
Figure 6. Rise Time
IC, COLLECTOR CURRENT (mA)
1.0
2.0 3.0
10
20
70
5
100
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
Figure 8. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IC/IB = 10
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V
IC/IB = 10
IC/IB = 20
IC/IB = 10
IC/IB = 20
t
s = ts - 1/8 tf
IB1 = IB2


Similar Part No. - 2N3903_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3903 CENTRAL-2N3903_15 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - 2N3903_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com