Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842A Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3842A
Description  CURRENT MODE PWM CONTROL CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842A Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3842A_11 Datasheet HTML 1Page - Unisonic Technologies UC3842A_11 Datasheet HTML 2Page - Unisonic Technologies UC3842A_11 Datasheet HTML 3Page - Unisonic Technologies UC3842A_11 Datasheet HTML 4Page - Unisonic Technologies UC3842A_11 Datasheet HTML 5Page - Unisonic Technologies UC3842A_11 Datasheet HTML 6Page - Unisonic Technologies UC3842A_11 Datasheet HTML 7Page - Unisonic Technologies UC3842A_11 Datasheet HTML 8Page - Unisonic Technologies UC3842A_11 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R103-002.F
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Sense section
Gain
GV
(Note 2,3)
2.85
3
3.15
V/V
Maximum Input signal
VI(MAX)
Vpin 1=5V( Note 2)
0.9
1
1.1
V
PSRR
12≦VCC≦25V
70
dB
Input Bias Current
IBIAS
-2
-10
μA
Delay to Output
Vpin 3=0 to 2V
150
300
ns
Output Section
IO(SINK)=20mA
0.1
0.4
V
Low
VOL
IO(SINK)=200mA
1.5
2.2
V
IO(SOURCE)=20mA
13
13.5
V
Output Level
High
VOH
IO(SOURCE)=200mA
12
13.5
V
Rise Time
tR
TJ=25°C,CL=1nF(Note 1)
50
150
ns
Fall Time
tF
TJ=25°C,CL=1nF(Note 1)
50
150
ns
Under-Voltage Lockout Output Section
3842A
14.5
16
17.5
V
Start Threshold
3843A
VTH(ST)
7.8
8.4
9
V
3842A
8.5
10
11.5
V
Min. Operating Voltage
3843A
VOPR(MIN) After Turn On
7
7.6
8.2
V
PWM Section
MAX
D(MAX)
95
97
100
%
Duty Cycle
Min
D(MIN)
0
%
Total Standby Current
Start-up Current
IST
0.12
0.3
mA
Operating Supply Current
ICC(OPR)
Vpin 2=Vpin 3=0V
11
17
mA
VCC Zener Voltage
Vz
ICC=25mA
34
V
Note:1.These parameters, although guaranteed ,are not 100% tested in production.
2. Parameters measured at trip point of latch with Vpin 2=0.
3. Gain defined as:
4. Adjust VCC above the start threshold before setting at 15V.


Similar Part No. - UC3842A_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
174Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May 2004 REV. 5
logo
Unisonic Technologies
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Similar Description - UC3842A_11

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com