Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3750 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3750
Description  600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3750 Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3750 Datasheet HTML 1Page - Unisonic Technologies UC3750 Datasheet HTML 2Page - Unisonic Technologies UC3750 Datasheet HTML 3Page - Unisonic Technologies UC3750 Datasheet HTML 4Page - Unisonic Technologies UC3750 Datasheet HTML 5Page - Unisonic Technologies UC3750 Datasheet HTML 6Page - Unisonic Technologies UC3750 Datasheet HTML 7Page - Unisonic Technologies UC3750 Datasheet HTML 8Page - Unisonic Technologies UC3750 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UC3750
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-360.a
ELECTRICAL CHARACTERISTICS
UC3750-33(3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
TOTAL DEVICE
Input Voltage
VIN
2.45 5.0V 5.50
V
Output Voltage
VOUT
ILOAD = 0mA, Ta = 25°C
3.234
3.3
3.366
V
Input Current into VOUT Pin
II(VOUT)
2.5
4.0
μA
Operating Current
IDD
VIN =5.0V, VCE =5.0 V
(No External Components)
50
80
μA
Off-State Current
IOFF
VIN = 5.0V, VCE = 0V, Ta = 25°C
0.3
0.5
μA
OSCILLATOR
Frequency
FOSC
510
600
690
kHz
Maximum Duty Cycle
DMAX
100
%
Switchover ON Time Threshold (Note)
TON
167
320
500
nS
Soft-Start Delay Time (Note)
TSS
8.0
mS
Protection Delay Time
TPORT
Auto Restart
8.0
mS
OUTPUT DRIVE (EXT)
EXT “H” Output Current
IEXTH
VEXT =VIN -0.4V
-60
mA
EXT “L” Output Current
IEXTL
VEXT = 0.4 V
100
mA
EXT “L-H” Rise Time
TR
CLOAD = 1000pF,VIN = 5.0V
65
nS
EXT “H-L” Fall Time
TF
CLOAD = 1000pF, VIN = 5.0V
40
nS
EXT “L-H” Rise Time
TR
CLOAD = 5.0nF, VIN = 5.0V
140
nS
EXT “H-L” Fall Time
TF
CCLOAD = 5.0nF, VIN = 5.0V
90
nS
CE (CE)
CE “H” Input Voltage
VCEH
1.3
V
CE “L” Input Voltage
VCEL
0.3
V
CE “H” Input Current
ICEH
VIN =VCE =5.0V
-0.5
0
0.5
μA
CE “L” Input Current
ICEL
VIN =5.0V, VCE =0V
-0.5
0.15
0.5
μA
Under-Voltage Lockout
Under-Voltage Lockout Threshold
VUVLO
1.60
2.20
2.40
V
Under-Voltage Lockout Hysteresis
VUVLO(HYS)
50
mV
Notes: 1. PWM/PFM Switchover ON Time Threshold min/max guaranteed by design only.


Similar Part No. - UC3750

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750G-XX-AF5-R UTC-UC3750G-XX-AF5-R Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750L-XX-AF5-R UTC-UC3750L-XX-AF5-R Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
More results

Similar Description - UC3750

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com