Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3500 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3500
Description  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500 Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3500 Datasheet HTML 1Page - Unisonic Technologies UC3500 Datasheet HTML 2Page - Unisonic Technologies UC3500 Datasheet HTML 3Page - Unisonic Technologies UC3500 Datasheet HTML 4Page - Unisonic Technologies UC3500 Datasheet HTML 5Page - Unisonic Technologies UC3500 Datasheet HTML 6Page - Unisonic Technologies UC3500 Datasheet HTML 7Page - Unisonic Technologies UC3500 Datasheet HTML 8Page - Unisonic Technologies UC3500 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UC3500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R502-072.D
ELECTRICAL CHARACTERISTICS(Cont.)
UC3500-2.8V
(VIN = 1.7V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
2.7
2.8
2.9
V
IOUT = 0
0.7
1.1
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 1mA
0.8
1.2
V
IOUT = 0
0.4
0.6
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
18
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
760
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 3.1V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
IOUT = 10mA
82
%
IOUT = 50mA
83
%
Efficiency
η
IOUT = 100mA
82
%
UC3500-3.0V
(VIN = 1.8V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
2.9
3
3.1
V
IOUT = 0
0.7
1.1
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 1mA
0.8
1.2
V
IOUT = 0
0.4
0.6
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
18
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
750
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 3.3V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
IOUT = 10mA
82
%
IOUT = 50mA
84
%
Efficiency
η
IOUT = 100mA
82
%
UC3500-3.3V
(VIN = 2.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
3.2
3.3
3.4
V
IOUT = 0
0.7
1.1
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 1mA
0.8
1.2
V
IOUT = 0
0.4
0.6
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.3
0.5
V
Supply Current
ISUPPLY
IOUT = 0
18
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
750
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 3.6V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
IOUT = 10mA
75
%
IOUT = 10mA
83
%
IOUT = 50mA
85
%
Efficiency
η
IOUT = 100mA
84
%


Similar Part No. - UC3500

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3500 UTC-UC3500 Datasheet
143Kb / 9P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500 UTC-UC3500 Datasheet
404Kb / 11P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
logo
Pepperl+Fuchs Inc.
UC3500-30GM70-2E2R2-V15 PF-UC3500-30GM70-2E2R2-V15 Datasheet
1Mb / 6P
   Ultrasonic sensor
UC3500-30GM70-IE2R2-V15 PF-UC3500-30GM70-IE2R2-V15 Datasheet
1Mb / 6P
   Ultrasonic sensor
UC3500-30GM70-UE2R2-V15 PF-UC3500-30GM70-UE2R2-V15 Datasheet
1Mb / 6P
   Ultrasonic sensor
More results

Similar Description - UC3500

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3500 UTC-UC3500_12 Datasheet
404Kb / 11P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500 UTC-UC3500 Datasheet
143Kb / 9P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com