Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1563ISK-3.3 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1563ISK-3.3
Description  VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1563ISK-3.3 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1563ISK-3.3 Datasheet HTML 1Page - Semtech Corporation SC1563ISK-3.3 Datasheet HTML 2Page - Semtech Corporation SC1563ISK-3.3 Datasheet HTML 3Page - Semtech Corporation SC1563ISK-3.3 Datasheet HTML 4Page - Semtech Corporation SC1563ISK-3.3 Datasheet HTML 5Page - Semtech Corporation SC1563ISK-3.3 Datasheet HTML 6Page - Semtech Corporation SC1563ISK-3.3 Datasheet HTML 7Page - Semtech Corporation SC1563ISK-3.3 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT, LOW
QUIESCENT 500mA REGULATOR
SC1563
PRELIMINARY - September 11, 2000
5
TYPICAL APPLICATION (Externally Set Output Voltage)
(1)(2)
Volts
R2
R2)
(R1
1.200
VO
+
=
Notes:
(1) Maximum VO setpoint is 3.3V.
(2) This device is designed to operate with ceramic input and output capacitors.
TYPICAL APPLICATIONS (Internally Set Output Voltage)
(2)
VIN
SHDN
VO (X.XV)
U1
SC1563IS-X.X
1
2
3
4
5
SHDN GND ADJ
VO
VIN
C1
1uF
C2
10uF
VIN
SHDN
VO
U1
SC1563IS-X.X
1
2
3
4
5
SHDN GND ADJ
VO
VIN
C1
1uF
C2
10uF
R1
R2
VIN
VO (X.XV)
SHDN
U1
SC1563IMS-X.X
1
2
3
4
5
6
7
8
VIN
SHDN
ADJ
VO
GND
GND
GND
GND
C1
1uF
C2
10uF


Similar Part No. - SC1563ISK-3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1563ISK-X.XTR SEMTECH-SC1563ISK-X.XTR Datasheet
187Kb / 10P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563ISK-X.XTRT SEMTECH-SC1563ISK-X.XTRT Datasheet
187Kb / 10P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
More results

Similar Description - SC1563ISK-3.3

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC1563ISK3.0TRT SAMTEC-SC1563ISK3.0TRT Datasheet
191Kb / 10P
   Very Low Dropout, Low Quiescent 500mA Regulator
SC1563ISK3.3TRT SAMTEC-SC1563ISK3.3TRT Datasheet
191Kb / 10P
   Very Low Dropout, Low Quiescent 500mA Regulator
logo
Semtech Corporation
SC1563 SEMTECH-SC1563_06 Datasheet
187Kb / 10P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021ES8PBF LINEAR_DIMENSIONS-LT3021ES8PBF Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com