Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1686L-S08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P1686L-S08-T
Description  600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1686L-S08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  P1686L-S08-T Datasheet HTML 1Page - Unisonic Technologies P1686L-S08-T Datasheet HTML 2Page - Unisonic Technologies P1686L-S08-T Datasheet HTML 3Page - Unisonic Technologies P1686L-S08-T Datasheet HTML 4Page - Unisonic Technologies P1686L-S08-T Datasheet HTML 5Page - Unisonic Technologies P1686L-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P1686
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-039.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
Input Supply Voltage
VIN
-0.3 ~ +28
V
Boost Pin Above VSW
(VBST -VSW)
16
V
Boost Pin Voltage
VBST
-0.3 ~ +32
V
EN Pin Voltage
VEN
-0.3 ~ +16
V
FB Pin Voltage
VFB
-0.3 ~ +6
V
FB Pin Current
IFB
1
mA
SYNC Pin Current
ISYNC
1
mA
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNITS
Junction to Ambient
θJA
36.5
°C/W
ELECTRICAL CHARACTERISTICS
(VIN = 12V, VCOMP = 0.8V, VBS = VIN + 5V, EN = tied to VIN, SYNC = 0, SW = open. TA = TJ = -40°C ~ 85°C.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNITS
Operating Input Voltage
VIN
16(Note 1)
V
Maximum Switch Current Limit
ISW
3.0
A
Oscillator Frequency
fOSC
550
600
750
kHz
Switch On Voltage Drop
VD(SW) ISW = 3A
330
mV
VIN Undervoltage Lockout
VUVLO
TA = 25°C
2.60
3
V
VIN Supply Current
IQ
VFB = VOUT(NOM) + 17%
1.0
5
mA
Standby Current
IQ(OFF)
VEN = 0V, VIN = VBOOST = 16V, VSW = 0V
5
45
μA
FB Input Current
IFB
-0.25
-0.50
μA
Feedback Voltage
1.176 1.2
1.224
V
Feedback Voltage Line Regulation
3V < VIN < 16V (Note 2)
+3
mV/V
FB to VCOMP Voltage Gain (Note 3)
0.4V ≤ VCOMP ≤ 0.9V
150
350
FB to VCOMP Transconductance
(Note 3)
Δ ICOMP = ± 10μA
500
850
1300
μMho
VCOMP Pin Source Current
VFB = VOUT(NOM) -17%
70
110
μA
VCOMP Pin Sink Current
VFB = VOUT(NOM) + 17%
70
110
μA
VCOMP Pin to Switch Current Trans
conductance
2.5
A/V
VCOMP Pin Maximum Switching
Threshold
Duty cycle = 0%
0.35
V
VCOMP Pin Threshold
ISW = 3A
0.9
V
Maximum Switch Duty Cycle
VCOMP = 1.2V, ISW = 400mA
85
%
Minimum Boost Voltage Above
Switch (Note 3)
VBOOST
ISW = 3A, 0°C ≤ TA ≤ 85°C
ISW =2.5A, TA < 0°C
1.8
2.7
V
ISW = 1A
10
15
Boost Current
IBOOST
ISW = 3A, 0°C ≤ TA ≤ 85°C
ISW =2.5A, TA < 0°C
30
45
mA
VIH
3
V
Enable Input Threshold Voltage
VIL
0.4
V
IIL
EN = 60mV above threshold
2.5
μA
Enable Input Bias Current
IIH
EN = 100mV below threshold
5
15
μA


Similar Part No. - P1686L-S08-T

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P168-000 TRIPPLITE-P168-000 Datasheet
157Kb / 2P
   Compact DisplayPort Coupler Gender Changer (F/F)
P168000 TRIPPLITE-P168000 Datasheet
480Kb / 2P
   Compact DisplayPort Coupler Gender Changer (F-F)
logo
Pulse A Technitrol Comp...
P1681NLT PULSE-P1681NLT Datasheet
1Mb / 3P
   SMT Power Inductors Power Beads - Volta 1 & 2 series
P1681NLT PULSE-P1681NLT Datasheet
1Mb / 3P
   SMT Power Inductors
logo
Shindengen Electric Mfg...
P168FP7R5SN SHINDENGEN-P168FP7R5SN Datasheet
1Mb / 7P
   Power MOSFETs 75V, 168A, N-channel
More results

Similar Description - P1686L-S08-T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
   600kHz 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
Monolithic Power System...
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
   3A, 21V, 600kHz Step-Down Converter
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
   28V 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2583 UTC-P2583 Datasheet
190Kb / 6P
   380KHz, 3A STEP-DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com