Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-700-224 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # TS-700-224
Description  700W True Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TS-700-224 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TS-700-224 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TS-700-224 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
TS-700-112
TS-700-124
TS-700-148
TS-700-212
TS-700-224
TS-700-248
38A
21~30VDC
88%
19A
42~60VDC
89%
38A
21~30VDC
90%
19A
42~60VDC
91%
MODEL
MAXIMUMOUTPUTPOWER(Typ.)
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION (Typ.)
VOLTAGERANGE (Typ.)Note.3
EFFICIENCY (Typ.)
Note.1
DCCURRENT(Typ.)
INPUT
INPUT
BATTERY
OUTPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
GFCIPROCTECTION
PROTECTION
PROTECTION
Truesinewave(THD<3%)atratedinputvoltage
75A
10.5~15VDC
89%
40A*3
30A*2
20A*2
20A*2
30A*2
3.0%
10.5~15VDC
86%
75A
40A*3
80
5
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
;byinternalRTH3detectonheatsinkofpowerdiode
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
75
5
Byinternalfuseopen
Optional(OnlytypeF)
None
CompliancetoFCCclass A
None
WORKINGTEMP.
Note.4
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
SAFETY STANDARDS
0~+40
@100%load;+60
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
Designreferto UL458
CompliancetoEN61000-4-2,3,8
CompliancetoEN55022class A,72/245/CEE,95/54/CE,E-Mark
True sine wave output (THD<3%)
Power ON-OFF switch
Standby saving mode can be selectable
Front panel indicator for operation status
Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp.
/ Output short / Reverse polarity / Overload
Application : Home appliance, power tools, office and portable
equipment, vehicle and yacht ...etc.
3 years warranty
High surge power up to 1400W
High efficiency up to 91%
Built-in fan ON-OFF control function
RATEDPOWER (Typ.)
700W
OVERLOAD(Typ.)
105~115%loadfor180sec.,115%~150%loadfor10sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
BatI/P - ACO/P:3.0KVAC
ACO/P -FG:1.5KVAC
ACO/P-FG,BatI/P-FG:100MOhms/500VDC/25
/70%RH
VIBRATION
10~500Hz,3G10min./1cycle,60min.eachalongX, Y,Zaxes
Features :
OTHERS
PACKING
3.8Kg
;2pcs/8.6Kg/1.02CUFT
DIMENSION
295*184*70mm(L*W*H)
NOTE
1.Efficiency is tested by 530W, linear load at 13V, 26V, 52V input voltage.
2.All parameters not specified above are measured at rated load, 25
of ambient temperature.
3.Output derating capacity referenced by curve 1.
4.Output derating capacity referenced by curve 2.
800Wfor180sec./1050Wfor10sec. /surgepower1400Wfor30cycles
11.3 4%
22.5 4%
45 4%
45 4%
22.5 4%
10.5 4%
21 4%
42 4%
42 4%
None
21 4%
11.3 4%
10.5 4%
T S - 7 0 0 series
FileName:TS-700-SPEC2011-05-24
50 0.1Hz50/60HzselectablebysettingbuttonS.W
60 0.1Hz50/60HzselectablebysettingbuttonS.W
FRONTPANEL INDICATOR
SAVINGMODE(Typ.)
Defaultdisabled.Load
5Wwillbechangedtostandbymode
Batteryvoltagelevel,outputloadlevel,savingmode,faultandoperationstatus
24V
48V
24V
48V
BAT.VOLTAGE
12V
12V
NOLOADDISSIPATION
6W @ standby saving mode
OFFMODE
DRAW
CURRENT
1mA
BATTERY TYPES
Open&sealedLead Acid
700W TrueSineWaveDC-ACPowerInverter
ACVOLTAGE
200/220/230/240VACselectablebysettingbuttonS.W
100/110/115/120VACselectableby settingbuttonS.W
Factorysettingsetat110VAC
Factorysettingsetat230VAC
LVD
None
EN60950-1
E13
MTBF
74.4Khrsmin.MIL-HDBK-217F(25 C)
o
EMCIMMUNITY
EMCEMISSION


Similar Part No. - TS-700-224

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TS-700-224B MEANWELL-TS-700-224B Datasheet
112Kb / 1P
   DC/AC Inverter 200~700W True Sine Wave
More results

Similar Description - TS-700-224

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TS-200 MEANWELL-TS-200 Datasheet
112Kb / 1P
   DC/AC Inverter 200~700W True Sine Wave
TS-1500 MEANWELL-TS-1500_11 Datasheet
328Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
TS-1500 MEANWELL-TS-1500 Datasheet
305Kb / 2P
   1500W True Sine Wave DC-AC Power Inverter
TS-1000 MEANWELL-TS-1000_11 Datasheet
580Kb / 2P
   1000W True Sine Wave DC-AC Power Inverter
TS-400-112 MEANWELL-TS-400-112 Datasheet
366Kb / 2P
   400W True Sine Wave DC-AC Power Inverter
TS-200 MEANWELL-TS-200_12 Datasheet
361Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
TS-1000 MEANWELL-TS-1000 Datasheet
570Kb / 2P
   1000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com