Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-60 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # T-60
Description  60W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

T-60 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  T-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. T-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
StaticCharacteristics(B)
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
-12V
+5V
60
80
120
100
180
200
160
140
220
260
240
13
7
9
8
12
11
10
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
4.0
+12V
+12V
+5V
-12V
Ta=25
-10
-10
0
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
DeratingCurve
BlockDiagram
fosc:50KHz
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
FILTER
&
&
&
RECTIFIERS
RECTIFIERS
RECTIFIERS
REGULATOR
+V1
+V2
-V
COM
I/P
FG
CONTROL
PWM
O.V.P.
CaseNo.901Unit:mm
4.5
152.5
150
6.5
3.5
78
24
159
22
117
5
6
7
4
3
2
2-M
3
1
3-M
3
TerminalPinNo. Assignment
PinNo.
PinNo.
1
5
2
6
3
7
4
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT -V
DCOUTPUT +V1
DCOUTPUT COM
DCOUTPUT +V2
FileName:T-60-SPEC2010-10-18
60W TripleOutputSwitchingPowerSupply
T- 6 0 series


Similar Part No. - T-60

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-60 RSG-T-60 Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
logo
Rhombus Industries Inc.
T-600 RHOMBUS-IND-T-600 Datasheet
18Kb / 1P
   Modem Coupling Transformer
T-60100 RHOMBUS-IND-T-60100 Datasheet
26Kb / 1P
   Standard EI PC Power Transformers
More results

Similar Description - T-60

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
T-60 RSG-T-60 Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
IT-60 MEANWELL-IT-60 Datasheet
415Kb / 2P
   60W Isolated Triple Output Switching Power Supply
IT-60 MEANWELL-IT-60_10 Datasheet
422Kb / 2P
   60W Isolated Triple Output Switching Power Supply
logo
RSG Electronic Componen...
IT-60 RSG-IT-60 Datasheet
185Kb / 2P
   60W Isolated Triple Output Switching Power Supply
logo
Toppower Electronic Tec...
TPCGZM-60-T05D15 TOPPOWER-TPCGZM-60-T05D15 Datasheet
363Kb / 4P
   60W Wide input Triple output AC/DC switching power supply
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com