Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-60A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # T-60A
Description  60W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

T-60A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  T-60A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. T-60A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
T-60A
T-60B
T-60C
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
CH2
-5V
CH3
5V
CH1
12V
CH2
-12V
CH3
5V
CH1
15V
CH2
-15V
CH3
5A
2.5A
0.5A
5A
2.5A
0.5A
5A
2A
0.5A
0.5~7A
0.2~3.5A
0~1A
0.5~7A
0.2~3.5A
0~1A
0.5~7A
0.2~3A
0~1A
57.5W
61W
62.5W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
6.0%
6.0%
2.0%
6.0%
6.0%
2.0%
6.0%
6.0%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
1.0%
4.0%
1.0%
1.0%
4.0%
1.0%
1.0%
4.0%
1.0%
300ms,50ms/230VAC
800ms,50ms/115VACatfullload
80ms/230VAC
10ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
72%
72%
72%
5V:5.75~6.75V
2A/115VAC1A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<3.5mA /240VAC
105~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL1012,UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
281.1Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
FileName:T-60-SPEC2010-10-18
0.55Kg;24pcs/14.1Kg/0.75CUFT
60W TripleOutputSwitchingPowerSupply
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 50KHz
2 years warranty
Features :
T- 6 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CH1
OUTPUTNUMBER
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved


Similar Part No. - T-60A

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
T-60A TOTAL-POWER-T-60A Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Mean Well Enterprises C...
T-60A MEANWELL-T-60A Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-60A RSG-T-60A Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
More results

Similar Description - T-60A

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
T-60 RSG-T-60 Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
IT-60 MEANWELL-IT-60 Datasheet
415Kb / 2P
   60W Isolated Triple Output Switching Power Supply
IT-60 MEANWELL-IT-60_10 Datasheet
422Kb / 2P
   60W Isolated Triple Output Switching Power Supply
logo
RSG Electronic Componen...
IT-60 RSG-IT-60 Datasheet
185Kb / 2P
   60W Isolated Triple Output Switching Power Supply
logo
Toppower Electronic Tec...
TPCGZM-60-T05D15 TOPPOWER-TPCGZM-60-T05D15 Datasheet
363Kb / 4P
   60W Wide input Triple output AC/DC switching power supply
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com