Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPV-150-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SPV-150-48
Description  150W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPV-150-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SPV-150-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPV-150-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPV-150-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.ExternalVoltageControl
40
60
80
100 110 120
V
100
40
60
80
20
20
+V
+V
-V
LOAD
-V
PV
1~5.5V
-V
U S P - 2 2 5 series
U S P - 2 2 5 series
S P V- 1 5 0 series
FileName:SPV-150-SPEC2010-10-18
150WSingleOutputwithPFCFunction
FunctionManual
1
2
3
4
5 5.5 6
V
Vout
100
120
40
60
80
20
EXTERNAL VOLTAGE(DC)
Non-Linear
OUTPUTVOLTAGE(%)


Similar Part No. - SPV-150-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-150-48 MEANWELL-SPV-150-48 Datasheet
339Kb / 3P
   150W Single Output with PFC Function
SPV-150-48 MEANWELL-SPV-150-48 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
More results

Similar Description - SPV-150-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
   150W SINGLE OUTPUT WITH PFC FUNCTION
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
LPP150 ASTRODYNE-LPP150 Datasheet
344Kb / 4P
   150W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com