Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPV-150 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SPV-150
Description  150W Single Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPV-150 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SPV-150_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPV-150_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPV-150_10 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
S P - 3 2 0 series
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:SPV-150-SPEC2010-10-18
CaseNo.912L
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
88
95
100
115
135
155
175
195
230
264
300
250
200
150
100
50
25
Ta=25
10
20
30
40
50
60
70
20
40
60
80
100
-20
0
150WSingleOutputwithPFCFunction
(HORIZONTAL)
BlockDiagram
fosc:100KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
O.T.P.
INRUSH
CURRENT
ACTIVE
LIMITING
90
100
80
70
60
50
40
S P V- 1 5 0 series
PV
RC
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
5
3
4
2
6~7
8~9
Assignment
Assignment
AC/L
PV
FG
RC
AC/N
DCOUTPUT -V
DCOUTPUT+V
117.5
32.5
27.5
8
2
1
5
3
4
6
7
9
5-M3L=3mm
15
4-M4L=5mm
177.5
150
+V ADJ.
LED
6-M4L=6mm
32.5
150
215
14max.


Similar Part No. - SPV-150_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
339Kb / 3P
   150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
More results

Similar Description - SPV-150_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
   150W SINGLE OUTPUT WITH PFC FUNCTION
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
   150W Single Output with PFC Function
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
LPP150 ASTRODYNE-LPP150 Datasheet
344Kb / 4P
   150W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com