Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-750-27 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SP-750-27
Description  750W Single Output Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-750-27 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SP-750-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-750-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SP-750-27 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
SP-750-5
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
WORKINGTEMP.
REMOTECONTROL
Note.5
POWERGOOD/FAIL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
5V
120A
0~120A
600W
120mVp-p
4.75~5.5V
2.0%
0.5%
2.0%
1500ms,50ms/230VAC1500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
90~264VAC127~370VDC
47~63Hz
80%
8.8A/115VAC4.2A/230VAC
27A/115VAC45A/230VAC
<2.0mA /240VAC
105~125% ratedoutputpower
5.75~6.75V
13.8~16.2V
18~21V
27.6~32.4V
31~36.5V
57.6~67.2V
Protectiontype:Constantcurrentlimiting,unitwillHiccupafter3sec.
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
85
5
(TSW1)detectonheatsinkofpowertransistor
85
5
(TSW2)detectonheatsinkofpowerdiode
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
-20~+60
(Refertooutputloadderatingcurve)
RC+/RC-shortpoweron,openpoweroff
50ms/1ms
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.05%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
124Khrsmin.MIL-HDBK-217F(25
)
278*127*63.5mm(L*W*H)
2.9Kg;6pcs/18.4Kg/0.98CUFT
85%
87%
89%
89%
90%
0.5%
0.5%
0.5%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
1.0%
1.0%
1.0%
1.0%
1.0%
120mVp-p
10~13.5V
120mVp-p
13.5~16.5V
120mVp-p
22~26.4V
120mVp-p
24~30V
120mVp-p
43~56V
12V
62.5A
0~62.5A
750W
15V
50A
0~50A
750W
24V
31.3A
0~31.3A
751.2W
27V
27.8A
0~27.8A
750.6W
48V
15.7A
0~15.7A
753.6W
SP-750-12
SP-750-15
SP-750-24
SP-750-27
SP-750-48
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. The power supply unit will have no output if the shorting connector is not assembled between RC+ & RC-.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:SP-750-SPEC2010-10-18
POWERFACTOR (Typ.)
PF>0.96/230VACPF>0.99/115VACatfullload
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1approved
CompliancetoEN55011(CISPR11),
ClassB
EN55022(CISPR22)
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2,EN61204-3,heavyindustrylevel,criteria A
750WSingleOutputPowerSupply
Universal AC input / Full range
AC input active surge current limiting
Built-in active PFC function,PF>0.96
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC ball bearing fan
High power density 5.48/inch
Built-in constant current limiting circuit
With power good and fail signal output
Built-in remote ON-OFF control
Built-in remote sense function
3 years warranty
3
Features :
S P - 7 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
FUNCTION


Similar Part No. - SP-750-27

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-750-27 TOTAL-POWER-SP-750-27 Datasheet
226Kb / 2P
   750W Single Output Power Supply
logo
Astrodyne Corporation
SP-750-27 ASTRODYNE-SP-750-27 Datasheet
343Kb / 3P
   750W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-750-27 MEANWELL-SP-750-27 Datasheet
348Kb / 3P
   750W Single Output Power Supply
logo
RSG Electronic Componen...
SP-750-27 RSG-SP-750-27 Datasheet
144Kb / 3P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750-27 MEANWELL-SP-750-27 Datasheet
351Kb / 3P
   750W Single Output Power Supply
More results

Similar Description - SP-750-27

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
SP-750 RSG-SP-750 Datasheet
144Kb / 3P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750 MEANWELL-SP-750 Datasheet
348Kb / 3P
   750W Single Output Power Supply
logo
Total Power Internation...
SP-750 TOTAL-POWER-SP-750 Datasheet
226Kb / 2P
   750W Single Output Power Supply
logo
Mean Well Enterprises C...
SP-750_1109 MEANWELL-SP-750_1109 Datasheet
351Kb / 3P
   750W Single Output Power Supply
RSP-750 MEANWELL-RSP-750 Datasheet
162Kb / 5P
   750W Single Output Power Supply
logo
List of Unclassifed Man...
EFRP-G2753 ETC2-EFRP-G2753 Datasheet
445Kb / 2P
   ERP2U 750W Server Power Supply
logo
Astrodyne Corporation
SP-750 ASTRODYNE-SP-750 Datasheet
343Kb / 3P
   750W Single Output with PFC Function
SP750 ASTRODYNE-SP750 Datasheet
761Kb / 5P
   750W Single Output with PFC Function
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com