Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKIM459GD12E4 Datasheet(PDF) 1 Page - Semikron International

Part # SKIM459GD12E4
Description  Trench IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKIM459GD12E4 Datasheet(HTML) 1 Page - Semikron International

  SKIM459GD12E4 Datasheet HTML 1Page - Semikron International SKIM459GD12E4 Datasheet HTML 2Page - Semikron International SKIM459GD12E4 Datasheet HTML 3Page - Semikron International SKIM459GD12E4 Datasheet HTML 4Page - Semikron International SKIM459GD12E4 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SKiM459GD12E4
© by SEMIKRON
Rev. 3 – 14.07.2011
1
SKiM® 93
GD
Trench IGBT Modules
SKiM459GD12E4
Features
• IGBT 4 Trench Gate Technology
• Solderless sinter technology
•VCE(sat) with positive temperature
coefficient
• Low inductance case
• Isolated by Al2O3 DCB (Direct Copper
Bonded) ceramic substrate
• Pressure contact technology for
thermal contacts and electrical
contacts
• High short circuit capability, self limiting
to 6 x IC
• Integrated temperature sensor
Typical Applications*
• Automotive inverter
• High reliability AC inverter wind
• High reliability AC inverter drives
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
IGBT
VCES
1200
V
IC
Tj = 175 °C
Ts =25°C
554
A
Ts =70°C
450
A
ICnom
450
A
ICRM
ICRM = 3xICnom
1350
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 15 V
VCES ≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Ts =25°C
438
A
Ts =70°C
347
A
IFnom
450
A
IFRM
IFRM = 3xIFnom
1350
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
2430
A
Tj
-40 ... 175
°C
Module
It(RMS)
Tterminal =80 °C
700
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50 Hz, t = 1 min
2500
V
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =450 A
VGE =15 V
chiplevel
Tj =25 °C
1.85
2.10
V
Tj =150 °C
2.25
2.45
V
VCE0
Tj =25 °C
0.8
0.9
V
Tj =150 °C
0.7
0.8
V
rCE
VGE =15 V
Tj =25 °C
2.3
2.7
m
Tj =150 °C
3.4
3.7
m
VGE(th)
VGE=VCE, IC =18 mA
5
5.8
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
0.1
0.3
mA
Tj =150 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
26.40
nF
Coes
f=1MHz
1.74
nF
Cres
f=1MHz
1.41
nF
QG
VGE = - 8 V...+ 15 V
2550
nC
RGint
Tj =25°C
1.7
td(on)
VCC = 600 V
IC =450 A
RG on =1.3 
RG off =1.3 
di/dton = 8340 A/µs
di/dtoff =3660 A/µs
Tj =150 °C
276
ns
tr
Tj =150 °C
55
ns
Eon
Tj =150 °C
22
mJ
td(off)
Tj =150 °C
538
ns
tf
Tj =150 °C
114
ns
Eoff
Tj =150 °C
57
mJ
Rth(j-s)
per IGBT
0.092
K/W


Similar Part No. - SKIM459GD12E4

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4 Datasheet
408Kb / 5P
   Trench IGBT Modules
More results

Similar Description - SKIM459GD12E4

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com