Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1460CSK-5.0 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1460CSK-5.0
Description  5mA CAPLESSTM CHARGE PUMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1460CSK-5.0 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1460CSK-5.0 Datasheet HTML 1Page - Semtech Corporation SC1460CSK-5.0 Datasheet HTML 2Page - Semtech Corporation SC1460CSK-5.0 Datasheet HTML 3Page - Semtech Corporation SC1460CSK-5.0 Datasheet HTML 4Page - Semtech Corporation SC1460CSK-5.0 Datasheet HTML 5Page - Semtech Corporation SC1460CSK-5.0 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SC1460
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
5mA CAPLESS
TM CHARGE PUMP
PRELIMINARY - July 6, 1999
5
Vo ripple
Typical Vo ripple vs. Cout @ Vin = 2.50V
000.0E+0
10.0E-3
20.0E-3
30.0E-3
40.0E-3
50.0E-3
60.0E-3
70.0E-3
22.0E-9
47.0E-9
56.0E-9
68.0E-9
82.0E-9
180.0E-9
220.0E-9
Cout (F)
Iout = 4mA
Typical Iin vs. Ta @ Io = 0 mA
0.05
0.07
0.09
0.11
0.13
0.15
0.17
0.19
0
10203040
506070
Ta (Deg. C.)
Vin = 2.25 V
Vin = 2.50 V
Vin = 3.30 V
Vin = 3.60 V
Typical Vo vs. Ta @ Vin = 2.50V
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
0
102030
405060
70
Ta (Deg. C.)
Io = 0mA
Io = 4mA
Io = 5mA
Io = 6mA
Typical Eff. vs. Ta @ Io = 4 mA
53
54
55
56
57
0
102030
4050607080
Ta (Deg. C.)
Vin = 2.25 V
Vin = 2.50 V
Vin = 3.30 V
Vin = 3.60 V


Similar Part No. - SC1460CSK-5.0

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SC146 DIGITRON-SC146 Datasheet
231Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC146 NJSEMI-SC146 Datasheet
155Kb / 3P
   Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1461 SEMTECH-SC1461 Datasheet
150Kb / 8P
   Multi Mode Capless Charge Pump
SC1461EVB SEMTECH-SC1461EVB Datasheet
150Kb / 8P
   Multi Mode Capless Charge Pump
SC1461ISKTR SEMTECH-SC1461ISKTR Datasheet
150Kb / 8P
   Multi Mode Capless Charge Pump
More results

Similar Description - SC1460CSK-5.0

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
   Charge Pump
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
Sanken electric
SPF6001 SANKEN-SPF6001 Datasheet
133Kb / 1P
   Charge pump circuit
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Micrel Semiconductor
MIC2660 MICREL-MIC2660 Datasheet
93Kb / 8P
   IttyBitty Charge Pump
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
   Programmable Charge Pump
logo
Sanken electric
SPF6102 SANKEN-SPF6102 Datasheet
219Kb / 1P
   Charge pump circuit
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
   Programmable Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com