Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR-480P Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SDR-480P
Description  480W Single Output Industrial DIN RAIL with PFC and Parallel Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SDR-480P Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SDR-480P Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SDR-480P Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SDR-480P Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AMBIENTTEMPERATURE(
)
-25
0
Continuous
For3sec.(typ.)
10
20
30
40
50
60
70
60
80
100
120
150
(VERTICAL)
OutputderatingVSinputvoltage
DeratingCurve
FileName:SDR-480P-SPEC2010-12-07
INPUTVOLTAGE(V)60Hz
40
110
50
60
70
80
155
135
230
264
90
100
100
90
PeakLoading
720W
720W
(1)
(2)
480W
240W
50sec.
15sec.
3sec.
3sec.
SDR-480P series
FunctionManual
LOAD
PSU
PSU
PSU
PSU
PSU
PSU
PSU
PSU
+
+
+
+
+
+
+
+
-
-
-
-
-
-
-
-
DCOK
DCOK
DCOK
DCOK
DCOK
DCOK
DCOK
DCOK
P+
P+
P+
P+
P+
P+
P+
P+
P-
P-
P-
P-
P-
P-
P-
P-
+
-
1.Currentsharing
(1)Paralleloperationisavailablebyconnectingtheunitsshownasbelow(P+,P-areconnectedmutuallyinparallel):
(2)Thevoltagedifferenceamongeachoutputshouldbeminimizedthatlessthan 2%isrequired.
(3)Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation(Outputcurrentatparalleloperation)
=(Theratedcurrentperunit)x(Numberofunit)x0.9.
(4)Inparalleloperation8unitsisthemaximum,pleaseconsultthemanufactureforotherapplications.
(5)Wheninparalleloperation,theminimumoutputloadshouldbegreaterthan3%oftotaloutputload.
(Min.load>3%ratedcurrentperunitxnumberofunit)
480WSingleOutputIndustrialDINRAIL withPFCandParallelFunction


Similar Part No. - SDR-480P

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SDR-480P TOTAL-POWER-SDR-480P Datasheet
370Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Mean Well Enterprises C...
SDR-480P-24 MEANWELL-SDR-480P-24 Datasheet
253Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Total Power Internation...
SDR-480P-24 TOTAL-POWER-SDR-480P-24 Datasheet
370Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Mean Well Enterprises C...
SDR-480P-48 MEANWELL-SDR-480P-48 Datasheet
253Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Total Power Internation...
SDR-480P-48 TOTAL-POWER-SDR-480P-48 Datasheet
370Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
More results

Similar Description - SDR-480P

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDR-480P MEANWELL-SDR-480P_11 Datasheet
253Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Total Power Internation...
SDR-480P TOTAL-POWER-SDR-480P Datasheet
370Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC and Parallel Function
logo
Mean Well Enterprises C...
SDR-480 MEANWELL-SDR-480_10 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_11 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480_09 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
DRP-480 MEANWELL-DRP-480 Datasheet
151Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
DRP-480S TOTAL-POWER-DRP-480S Datasheet
227Kb / 2P
   480W Single Output DIN RAIL with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com