Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1454 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1454
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1454 Datasheet HTML 2Page - Semtech Corporation SC1454 Datasheet HTML 3Page - Semtech Corporation SC1454 Datasheet HTML 4Page - Semtech Corporation SC1454 Datasheet HTML 5Page - Semtech Corporation SC1454 Datasheet HTML 6Page - Semtech Corporation SC1454 Datasheet HTML 7Page - Semtech Corporation SC1454 Datasheet HTML 8Page - Semtech Corporation SC1454 Datasheet HTML 9Page - Semtech Corporation SC1454 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
PIN Descriptions
Applications Information
Theory Of Operation
The SC1454 is intended for applications where very low
dropout voltage, low supply current and low output noise
are critical. Furthermore, the SC1454, by combining two
ultra low dropout (ULDO) regulators, along with enable
controls and output voltage adjustability for one output,
provides a very space efficient solution for multiple
supply requirements.
The SC1454 contains two ULDOs, both of which are
supplied by one input supply, between IN and GND. Each
ULDO has its own active high enable pin (ENA/ENB).
Pulling this pin low causes that specific ULDO to enter a
very low power shutdown state.
The SC1454 contains an internal bandgap reference
which is fed into the inverting input of two error
amplifiers, one for each output. The output voltage of
each regulator is divided down internally using a resistor
divider and compared to the bandgap voltage. The error
amplifier drives the gate of a low R
DS(ON) P-channel
MOSFET pass device.
Output A has both a fixed and adjustable output voltage
mode. Grounding the SETA pin (pulling it below the Sense/
Select threshold of 40mV) will connect the internal
resistor divider to the error amplifier resulting with the
internally preset output voltage. If SETA is pulled above
this threshold, then the Sense/Select switch will
connect the SETA pin to the error amplifier. Output A will
then be regulated such that the voltage at SETA will equal
V
SETA, the SETA reference voltage (typically 1.250V).
A bypass pin (BYP) is provided to decouple the bandgap
reference to reduce output noise (on both outputs) and
also to improve power supply rejection.
Each regulator has its own current limit circuitry to
ensure that the output current will not damage the
device during output short, overload or start-up. The
current limit is guaranteed to be greater than 400mA to
allow fast charging of the output capacitor and high
initial currents for DSP initialization.
The SC1454 has a fast start-up circuit to speed up the
initial charging time of the bypass capacitor to enable
the output voltage to come up quicker.
The SC1454 includes thermal shutdown circuitry to turn
off the device if T
J exceeds 150°C (typical), with the
device remaining off until T
J drops by 20°C (typical).
Reverse battery protection circuitry ensures that the
device cannot be damaged if the input supply is
accidentally reversed, limiting the reverse current to less
than 1.5mA.
Component Selection - General
Output capacitor - Semtech recommends a minimum
capacitance of 1µF at the output with an equivalent
series resistance (ESR) of < 1W over temperature. While
the SC1454 has been designed to be used with ceramic
capacitors, it does not have to be used with ceramic
capacitors, allowing the designer a choice. Increasing the
bulk capacitance will further reduce output noise and
improve the overall transient response.
Input capacitor - Semtech recommends the use of a 1µF
ceramic capacitor at the input. This allows for the device
being some distance from any bulk capacitance on the
rail. Additionally, input droop due to load transients is
reduced, improving overall load transient response.
Bypass capacitor - Semtech recommends the use of a
10nF ceramic capacitor to bypass the bandgap
reference. Increasing this capacitor to 100nF will
further improve power supply rejection. Reducing this
capacitor below 1nF may result in output overshoot at
turn-on.
Component Selection - Externally Setting Output
Referring to the circuit above, the output voltage of
output A can be externally adjusted anywhere within the
range from 1.25V to (V
IN(MAX) - VD(MAX)). The output voltage
will be in accordance with the following equation:
1% tolerance resistors are recommended. The values of
OUTPUT A: 2.5V
OUTPUT B: 2.8V
VIN
ENABLE OUTPUT A
ENABLE OUTPUT B
C3
10nF
C4
1uF
C1
1uF
C2
1uF
R1
100k
R2
100k
U1
SC1454CIMS
1
2
3
4
5
7
6
8
OUTA
OUTB
GND
SETA
ENB
ENA
BYP
IN
 +
=
2
R
1
R
1
250
.
1
V
OUTA


Similar Part No. - SC1454

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1454XIMSTR SEMTECH-SC1454XIMSTR Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1454XIMSTRT SEMTECH-SC1454XIMSTRT Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
More results

Similar Description - SC1454

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com