Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR-240-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SDR-240-24
Description  240W Single Output Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SDR-240-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SDR-240-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SDR-240-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SDR-240-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:SDR-240-SPEC2010-12-07
BlockDiagram
CaseNo.979A
Unit:mm
DCOKRelayContact
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
U.V.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
DCOK
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
PFC
CIRCUIT
PFC
CONTROL
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3,4
5,6
3
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT +V
DCOUTPUT -V
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
1
2
3
4
5
6
1
2
3
125.2
TB1
TB2
RelayContact
ContactClose
PSUturnson/DCOK.
PSUturnsoff/DCFail.
30V/1A resistiveload.
ContactOpen
ContactRatings(max.)
SDR-240 series
240WSingleOutputIndustrialDINRAIL withPFCFunction


Similar Part No. - SDR-240-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDR-240-24 MEANWELL-SDR-240-24 Datasheet
298Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240-24 MEANWELL-SDR-240-24 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-240-24 TOTAL-POWER-SDR-240-24 Datasheet
493Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Toppower Electronic Tec...
SDR-240-24S TOPPOWER-SDR-240-24S Datasheet
964Kb / 6P
   240W AC-DC DIN RAIL Power Supply
More results

Similar Description - SDR-240-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDR-240 MEANWELL-SDR-240_11 Datasheet
461Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
SDR-240 MEANWELL-SDR-240 Datasheet
298Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
SDR-240 TOTAL-POWER-SDR-240 Datasheet
493Kb / 3P
   240W Single Output Industrial DIN RAIL with PFC Function
logo
Altech corporation
PS-C240 ALTECH-PS-C240 Datasheet
773Kb / 2P
   240W Single Output Industrial DIN Rail Power Supply with PFC Function
logo
Total Power Internation...
SDR-960 TOTAL-POWER-SDR-960 Datasheet
201Kb / 3P
   960W Single Output Industrial DIN RAIL with PFC Function
DRP-480 TOTAL-POWER-DRP-480 Datasheet
227Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 TOTAL-POWER-SDR-480 Datasheet
323Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
logo
Mean Well Enterprises C...
DRP-480 MEANWELL-DRP-480_11 Datasheet
160Kb / 2P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_10 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
SDR-480 MEANWELL-SDR-480_11 Datasheet
424Kb / 3P
   480W Single Output Industrial DIN RAIL with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com