Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDR-240 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. SDR-240
Description  240W Single Output Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

SDR-240 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:SDR-240-SPEC2010-12-07
BlockDiagram
CaseNo.979A
Unit:mm
DCOKRelayContact
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
U.V.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
DCOK
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
PFC
CIRCUIT
PFC
CONTROL
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3,4
5,6
3
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT +V
DCOUTPUT -V
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
1
2
3
4
5
6
1
2
3
125.2
TB1
TB2
RelayContact
ContactClose
PSUturnson/DCOK.
PSUturnsoff/DCFail.
30V/1A resistiveload.
ContactOpen
ContactRatings(max.)
SDR-240 series
240WSingleOutputIndustrialDINRAIL withPFCFunction


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn