Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDR-240 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. SDR-240
Description  240W Single Output Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

SDR-240 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
PEAKCURRENT
PEAKPOWER Note.6
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
Note.8
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
Note.5
DCOKREALY CONTACTRATINGS(max.)
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
1500ms,60ms/230VAC30
atfullload
00ms,60ms/115VAC
20ms/230VAC20ms/115VACatfullload
88~264VAC124~370VDC
47~63Hz
94%
0.93/230VAC0.99/115VACatfullload
2.6A/115VAC1.3A/230VAC
56~65V
33A/115VAC65A/230VAC
<1mA /240VAC
Normallyw
morethan3
andthenshutdowno/pvoltagewithauto-recovery
orkswithin110~150%ratedoutputpowerfor
seconds
29~33V
>150%ratedpower,constantcurrentlimitingwithauto-recoverywithin2secondsandmaycausetoshutdownifover2seconds
Protectiontype:Shutdowno/pvoltagewithauto-recovery
95
5
(TSW:detectonheatsinkofpowerswitch)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508 TUVEN60950-1approved
,
CompliancetoEN55022(CISPR22)ClassB
CompliancetoEN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2(EN50082-2),EN61204-3,heavyindustrylevel,
criteria A,SEMIF47,GL approved
-25~+70
(Refertooutputloadderatingcurve)
60Vdc/0.3A,30Vdc/1A,30Vac/0.5A resistiveload
20~95%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
169.3Khrsmin.MIL-HDBK-217F(25
)
63*125.2*113.5mm(W*H*D)
1.03Kg;12pcs/13.4Kg/1.06CUFT
POWERFACTOR (Typ.)
SDR-240-48
48V
5A
0~5A
240W
7.5A
120mVp-p
48~55V
1.0%
0.5%
1.0%
SDR-240-24
24V
10A
0~10A
240W
15A
360W(3sec.)
100mVp-p
24~28V
1.0%
0.5%
1.0%
Features :
SDR-240 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
O/P-DCOK:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:>100MOhms/500VDC/25
/70%RH
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Installation clearances : 40mm on top, 20mm on the bottom, 5mm on the left and right side are recommended when loaded permanently with full power.
In case the adjacent device is a heat source, 15mm clearance is recommended.
6. 3 seconds max., please refer to peak loading curves.
7. Derating may be needed under low input voltage. Please check the derating curve for more details.
8. After 30 minutes of burn-in.
240WSingleOutputIndustrialDINRAIL withPFCFunction
GL
High efficiency 94% and low power dissipation
Built-in active PFC function, PF>0.93
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
UL 508 (industrial control equipment) approved
EN61000-6-2(EN50082-2) industrial immunity level
100% full load burn-in test
3 years warranty
150% peak load capability
Built-in DC OK relay contact
PQ
S
E
M
I F
4
7
FileName:SDR-240-SPEC2010-12-07


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn