Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SD-500
Description  500W Single Output DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-500 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-500 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-500 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-500 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SD-500 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
Note.5
EFFICIENCY (Typ.)
INPUT
FUNCTION
INRUSHCURRENT (Typ.)
OVERTEMPERATURE
WORKINGTEMP.
OUTPUTOKSIGNAL
REMOTEON/OFFCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
CURRENT (ATNOLOAD)
500ms,50msatfullload
19~72VDC
24.2A/19VDC24.8A/24VDC12A/48VDC
Max.0.2A/48VDC
60A/48VDC
105~125% ratedoutputpower
Protectiontype: Constantcurrentlimiting,shutdowno/pvoltageafterabout5sec.,re-powerontorecover
16~19V
80
5
(L-48V,H-24V,H-48V),85
5
(L-24V),90
5
(L-12V),95
5
(H-12V)(TSW2:detectonheatsinkofo/pdiode)
30.8~35.2V
62~68V
16~19V
30.8~35.2V
62~68V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
80
5
(TSW1) detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
-20~+60
(Refertooutputloadderatingcurve)
Pleaserefertofunctionmanual
OpencollectorsignallowwhenPSUturnson,max.sinkcurrent:10mA
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.02%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
196.3Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.15Kg;12pcs/14.8Kg/0.92CUFT
86%
88%
89%
87%
8A/72VDC6A/96VDC
60A/96VDC
Max.0.1A/96VDC
89%
90%
0.5%
0.5%
0.5%
0.5%
72~144VDC
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
150mVp-p
11~15V
150mVp-p
23~30V
150mVp-p
46~60V
150mVp-p
11~15V
150mVp-p
150mVp-p
23~30V
46~60V
12V
40A
0~40A
480W
24V
21A
0~21A
504W
48V
10.5A
0~10.5A
504W
12V
40A
0~40A
480W
24V
48V
21A
10.5A
0~21A
0~10.5A
504W
504W
SD-500L-12
SD-500L-24
SD-500L-48
SD-500H-12
SD-500H-24
SD-500H-48
1. All parameters NOT specially mentioned are measured at 48, 96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
SAFETY STANDARDS
EMSIMMUNITY
IEC60950-1CBapprovedby TUV
CompliancetoEN55022(CISPR22) ClassB
Complianceto EN61000-4-2,3,4,6,8;ENV50204,lightindustrylevel,criteria A
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:2KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
DC input active surge current limiting
Protections: Short circuit / Overload / Over voltage / Over temperature
/ Input polarity(by fuse)
2000VAC I/O Isolation
Forced air cooling by built-in DC fan with fan speed control function
Output OK Signal
Built-in remote ON-OFF control
Built-in remote sense function
3 years warranty
Wide 4:1~2:1 DC input range (24V: 19~72VDC, 96V:72~144VDC)
Features :
500WSingleOutputDC-DCConverter
S D - 5 0 0 series
FileName:SD-500-SPEC2010-10-18


Similar Part No. - SD-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
logo
Molex Electronics Ltd.
SD-500024-018 MOLEX11-SD-500024-018 Datasheet
373Kb / 6P
   0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
SD-500024-019 MOLEX11-SD-500024-019 Datasheet
373Kb / 6P
   0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
SD-500075-007 MOLEX-SD-500075-007 Datasheet
96Kb / 1P
   MINI-B STRAIGHT TYPE 2 REC. ASSY -LEAD FREE-
2004.03.30
SD-500075-008 MOLEX11-SD-500075-008 Datasheet
129Kb / 3P
   USB On-The-Go (OTG) Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs, Lead-free
More results

Similar Description - SD-500

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
   500W Single Output DC-DC Converter
logo
GAPTEC Electronic GmbH ...
500HBAW GAPTEC-500HBAW Datasheet
1Mb / 7P
   500W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com