Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-350B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SD-350B
Description  350W Single Output DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-350B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-350B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-350B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-350B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
OVERTEMPERATURE
SAFETY STANDARDS
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
75
5
(TSW1)detectonmainpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
CompliancetoEN55022(CISPR22)ClassB
Complianceto
ight
EN61000-4-2,3,4,6,8;ENV50204,l
industrylevel,criteria A
-20~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
215*115*50mm(L*W*H)
1.1Kg;12pcs/14.4Kg/0.92CUFT
FileName:SD-350-SPEC2010-10-18
350WSingleOutputDC-DCConverter
Features :
S D - 3 5 0 series
105~135% ratedoutputpower
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
SD-350D
5V
12V
24V
48V
60A
29.2A
14.6A
7.3A
0~60A
0~29.2A
0~14.6A
0~7.3A
300W
350.4W
350.4W
350.4W
100mVp-p
120mVp-p
150mVp-p
200mVp-p
2.0%
1.0%
1.0%
1.0%
4.5~5.5VDC
11~16VDC
23~30VDC
43~53VDC
0.5%
0.3%
0.2%
0.2%
1.0%
1.0%
1.0%
1.0%
300ms,50msatfullload
B:19~36VDCC:36~72VDCD:72~144VDC
78%
6A/96V
83%
87%
89%
6A/96V
6A/96V
6A/96V
C:45A/48VDCD:45A/96VDC
5.75~6.75V
16.8~20V
31.5~37.5V
53~65V
209.4Khrsmin.MIL-HDBK-217F(25
)
IEC60950-1CBapprovedby TUV(forDtypeonly)
2:1 wide input range
Protections: Short circuit / Overload / Over voltage / Over temperature
1500VAC I/O isolation
Forced air cooling by built-in DC Fan
100% full load burn-in test
24V(B) and 48V(C) input voltage design refer to LVD
2 years warranty
1. All parameters NOT specially mentioned are measured at 24,48,96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
(for D type only)


Similar Part No. - SD-350B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-350B ASTRODYNE-SD-350B Datasheet
336Kb / 3P
   350W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-350B MEANWELL-SD-350B Datasheet
207Kb / 3P
   350W Single Output DC-DC Converter
SD-350B MEANWELL-SD-350B Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-350B ASTRODYNE-SD-350B Datasheet
1Mb / 3P
   350W Single Output DC-DC Converter
More results

Similar Description - SD-350B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-350_1109 MEANWELL-SD-350_1109 Datasheet
415Kb / 3P
   350W Single Output DC-DC Converter
SD-350D-24 MEANWELL-SD-350D-24 Datasheet
413Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-350 ASTRODYNE-SD-350 Datasheet
336Kb / 3P
   350W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-350 MEANWELL-SD-350 Datasheet
207Kb / 3P
   350W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD350 ASTRODYNE-SD350 Datasheet
1Mb / 3P
   350W Single Output DC-DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com