Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP-50-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCP-50-12
Description  50W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCP-50-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCP-50-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCP-50-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCP-50-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
CaseNo.903Unit:mm
FileName:SCP-50-SPEC2011-05-24
BlockDiagram
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
B+
B-
L
-V
I/P
FG
CONTROL
O.V.P.
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
AMBIENTTEMPERATURE(
)
-20
0
20
10
30
40
20
40
80
60
100
60
50
70
fosc:60KHz
(HORIZONTAL)
DeratingCurve
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1
2
2
3
Assignment
Assignment
AC/L
AC/N
FG
DCOUTPUT +V
CN2:JST B2B-XHorequivalent
MatingHousing
JST XHP
JST SXH-001T-P0.6
orequivalent
orequivalent
Terminal
B+
L
B-
-V
+V
LED
CN2
SVR1
1
2
1
2
3
TB1
TB2
RED(B+)
YELLOW(L)
BLACK(-V)
BLACK(B-)
400
FS2
F6.3A/250V
ORANGE(+V)
FS1
F3.15A/250V
DCOUTPUT -V
ψ3.5
77
32
3-M
3L
=6
4.5
73.5
129
2-
M
3L
=4
120
6.5
122.5
50WSingleOutputSwitchingPowerSupply
S C P - 5 0 series


Similar Part No. - SCP-50-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCP-50-12 MEANWELL-SCP-50-12 Datasheet
398Kb / 3P
   50W Single Output Switching Power Supply
More results

Similar Description - SCP-50-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
NES-50 TOTAL-POWER-NES-50 Datasheet
231Kb / 2P
   50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50 RSG-LPS-50 Datasheet
203Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50 Datasheet
218Kb / 2P
   50W Single Output Switching Power Supply
RS-50 MEANWELL-RS-50_11 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
LPS-50 MEANWELL-LPS-50_10 Datasheet
221Kb / 2P
   50W Single Output Switching Power Supply
LPS-50_1108 MEANWELL-LPS-50_1108 Datasheet
220Kb / 2P
   50W Single Output Switching Power Supply
logo
XP Power Limited
LPS-50-3.3 XPPOWER-LPS-50-3.3 Datasheet
675Kb / 4P
   50W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS-50 ASTRODYNE-RS-50 Datasheet
303Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-50_1108 MEANWELL-RS-50_1108 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
S-50 MEANWELL-S-50 Datasheet
416Kb / 2P
   50W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com