Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCP-35-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SCP-35-24
Description  35W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCP-35-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SCP-35-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCP-35-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCP-35-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FunctionDescription
1.B+,B-
2.L
3.+V,-V
4.CN2
Connectthebattery:B+connectedtobatterypositive.
Outputvoltagedetection,detectoutputvoltageorbatteryvoltage(ifbatteryisused).
Outputvoltage.Can'tconnectthebattery.
Temperaturesensorcanbeconnectedtotheunittoallowtemperaturecompensationofthechargingvoltage.
Ifthesensorisnotused,thechargerstillworksnormally.
Referenceexample:
Connect100K
Thermistor(THINKING)onNTC. Theoutputvoltagewillchangealong
SCP-35-12
Ta:0
Ta:25
Ta:50
14.4 0.2V
±
13.8 0.1V
±
13.2 0.2V
±
29.3 0.4V
±
25
TemperatureSensor
14.4
29.3
13.8
27.6
13.2
(12V)
(24V)
26.4
50
0
V
(
)
27.6 0.2V
±
26.4 0.4V
±
SCP-35-24
withthetemperaturechange.Iftheoutputvoltageisadjustedotherthantheratedvaluebyinternalpotentialmeter,
pleaseconsultMeanwell forsuitablevalueof Thermistor.
B-connectedtobatterynegative.
35WSingleOutputSwitchingPowerSupply
S C P - 3 5 series
FileName:SCP-35-SPEC2011-05-24
AC
VoltageofL Pin
AC
OK
Fail
Outputvoltage+0.2~0.7V(dependsonVfofdiode)
0V
(UnderratedDCoutputvoltage)


Similar Part No. - SCP-35-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCP-35-24 MEANWELL-SCP-35-24 Datasheet
394Kb / 3P
   35W Single Output Switching Power Supply
More results

Similar Description - SCP-35-24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com