Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLTT0805Z2500QGWP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PLTT0805Z2500QGWP
Description  Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLTT0805Z2500QGWP Datasheet(HTML) 1 Page - Vishay Siliconix

  PLTT0805Z2500QGWP Datasheet HTML 1Page - Vishay Siliconix PLTT0805Z2500QGWP Datasheet HTML 2Page - Vishay Siliconix PLTT0805Z2500QGWP Datasheet HTML 3Page - Vishay Siliconix PLTT0805Z2500QGWP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLTT
www.vishay.com
Vishay Dale Thin Film
Revision: 01-Jun-15
1
Document Number: 60082
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Low TCR High Temperature Thin Film Resistor,
Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Vishay’s proven precision thin film wraparound resistors will
meet your exact requirements. These resistors are ideal for
use in oil industry precision applications requiring low noise,
long term stability under high temperature, ultra low
temperature coefficient of resistance, and low voltage
coefficient. The chip resistors are available in any resistance
ohmic value in the range specified below.
CONSTRUCTION
FEATURES
• PLTT0603 case size is qualified to AEC-Q200
for automotive applications
• -55 °C to 215 °C operating temperature range
• TCR of ± 5 ppm/°C standard
• Tolerances to ± 0.02 %
• Anti corrosion resistant film with (SPM) special
passivation method
• Stable film and performance characteristics
• 0.5 % max. at 2000 h, 215 °C, 25 % rated power
• Non-standard resistance values available
• Very low noise and voltage coefficient
(< -30 dB, 0.1 ppm/V)
• UL 94 V-0 flame resistant
• Gold terminations (10 μ" to 20 μ")
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
Note
• Consult factory for additional case size
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Plated
Gold (10 μ" to 20 μ")
SPM Passivation
Enhancement
Passivated Nichrome
Resistive Film
ABSOLUTE
TCR
5
TOL.
0.02
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Resistance Range
75
 to 3 M
-
TCR: Absolute
± 5 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 % to ± 0.02 %
+25 °C
Stability: Absolute
R ± 0.5 %
2000 h at 215 °C, 25 % rated power
Stability: Ratio
--
Voltage Coefficient
± 0.1 ppm/V (typical)
-
Working Voltage
100 V to 200 V
-
Operating Temperature Range
-55 °C to +215 °C
-
Storage Temperature Range
-55 °C to +215 °C
-
Noise
< - 35 dB (typical)
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at +25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING
AT 70 °C
(mW)
WORKING VOLTAGE
(V)
RESISTANCE RANGE
(
)
0603
150
75
75 to 130K
0805
250
100
250 to 260K
1206
400
200
500 to 775K
2010
800
200
500 to 2M
2512
1000
200
500 to 3M


Similar Part No. - PLTT0805Z2500QGWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Revision: 01-Jun-15
PLTT VISHAY-PLTT Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
More results

Similar Description - PLTT0805Z2500QGWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Revision: 01-Jun-15
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
   Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
Revision: 22-Apr-15
PLT VISHAY-PLT Datasheet
118Kb / 3P
   Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
Revision: 22-Apr-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
   Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
Revision: 24-Aug-16
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 27-Jun-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com