Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB1060DI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB1060DI
Description  DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1060DI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB1060DI Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1060DI Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1060DI Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1060DI Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1060DI Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D6O008-003
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
60
V
Maximum average forward rectified current
per diode
IF(AV)
5
A
total device
10
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
60
A
Storage temperature range
Tstg
-45℃ to +150℃
Maximum operating junction temperature
Tj
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance junction to case
per diode
Rth(j-c)
6.0
℃/W
total device
5.6
Electrical Characteristics (Per Diode)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 3A
Tj=25℃
-
-
0.55
V
Tj=125℃
-
-
0.50
V
IFM = 5A
Tj=25℃
-
-
0.65
V
Tj=125℃
-
-
0.55
V
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
0.5
mA
Tj=125℃
-
-
50
mA
Junction capacitance
Cj
VR = 5VDC, f=1MHz
-
180
-
pF
Note : (1) Pulse test : tP≤380 ㎲, Duty cycle≤2%
To evaluate the conduction losses use the following equation: PF = 0.36 IF(AV) + 0.043 IF
2
(RMS)
SDB1060DI
IFM
2 IF(AV)
IF(AV)
VFM
Forward Voltage : VFM = Vto + rd IFM
Conduction Loss : PF = Vto IF(AV) + rd IF
2
(RMS)
rd
Vto


Similar Part No. - SDB1060DI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results

Similar Description - SDB1060DI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com