Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLTT2010Z1001QGWP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PLTT2010Z1001QGWP
Description  Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLTT2010Z1001QGWP Datasheet(HTML) 3 Page - Vishay Siliconix

  PLTT2010Z1001QGWP Datasheet HTML 1Page - Vishay Siliconix PLTT2010Z1001QGWP Datasheet HTML 2Page - Vishay Siliconix PLTT2010Z1001QGWP Datasheet HTML 3Page - Vishay Siliconix PLTT2010Z1001QGWP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLTT
www.vishay.com
Vishay Dale Thin Film
Revision: 01-Jun-15
3
Document Number: 60082
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Performance obtained with following mounting conditions
PCB: Polymide IPC-7831A STD land patterns
Solder paste: PbSnAg (93.5/5/1.5)
Note
(1) Available above 100
DERATING CURVE
Ambient Temperature °C
070
215
230
0
25
50
75
100
175
PLTT0805 500
 STABILITY TEST RESULTS
Time on Test (h)
- 0.50
- 0.30
- 0.10
0.10
0.30
0.50
0.00
0.20
0.40
- 0.20
- 0.40
425
1525
1250
1100
1000
750
2000
500
1775
250
125
0
Test Conditions:
Case Size: 0805
Resistance Value: 500
Ω
Applied Power: 25 % of rated power
Test Chamber Temperature: 215 °C
PLTT0805 50 k
 STABILITY TEST RESULTS
Time on Test (h)
- 0.50
- 0.30
- 0.10
0.10
0.30
0.50
0.00
0.20
0.40
- 0.20
- 0.40
425
1525
1250
1100
1000
750
2000
500
1775
250
125
0
Test Conditions:
Case Size: 0805
Resistance Value: 50 k
Ω
Applied Power: 25 % of rated power
Test Chamber Temperature: 215 °C
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PLTT
0603
0805
1206
2010
2512
Z = ± 5 ppm/°C
The first 3 digits are
significant figures and
the last digit specifies
the number of zeros to
follow. “R” designates
the decimal point.
Example:
1001 = 1 k

2500 = 250

Special values with more
than 4 significant figures,
use a R for value below
1 k
 and a K for values
greater than 1 k
 to
signify a decimal point.
982R6 = 982.6

532R41 = 532.41
Q =
± 0.02 % (1)
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
G = Wraparound Gold
over Ni barrier
(10 μ" min. Au)
WS = WAFFLE
WI = 100 min./1mult
(item single lot date code)
WP = 100 min./1mult
(package unit single lot
date code)
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
TI = 100 min./1mult
(item single lot date code)
TP = 100 min., 1 mult
(package unit single lot
date code)
05
Z
1
01
Q
0
0
GT
1
T
PL
8
T


Similar Part No. - PLTT2010Z1001QGWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Revision: 01-Jun-15
PLTT VISHAY-PLTT Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
More results

Similar Description - PLTT2010Z1001QGWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Revision: 01-Jun-15
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
   Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
Revision: 22-Apr-15
PLT VISHAY-PLT Datasheet
118Kb / 3P
   Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
Revision: 22-Apr-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
   Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
Revision: 24-Aug-16
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 27-Jun-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com