Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB560PH Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB560PH
Description  60V, 5A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB560PH Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB560PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D0Q009-001
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
60
V
Maximum average forward rectified current
IF(AV)
5
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
120
A
Storage temperature range
Tstg
-55℃ to +150℃
Maximum operating junction temperature
TJ
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance junction to case
Rth(j-c)
4.0
/W
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 5A
Tj=25℃
-
-
0.65
V
Tj=125℃
-
-
0.55
V
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
0.5
mA
Tj=125℃
-
-
50
mA
Junction capacitance
Cj
VR = 5VDC, f=1MHz
-
180
-
pF
Note : (1) Pulse test : tP≤380 ㎲, Duty cycle≤2%
To evaluate the conduction losses use the following equation: PF = 0.36 IF(AV) + 0.043 IF
2
(RMS)
SDB560PH
IFM
2 IF(AV)
IF(AV)
VFM
Forward Voltage : VFM = Vto + rd IFM
Conduction Loss : PF = Vto IF(AV) + rd IF
2
(RMS)
rd
Vto


Similar Part No. - SDB560PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB560PH KODENSHI-SDB560PH Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
SDB560PH-1 KODENSHI-SDB560PH-1 Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB560PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB560PH-1 KODENSHI-SDB560PH-1 Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P5L60F-A PFC-P5L60F-A Datasheet
660Kb / 5P
   5A 60V MOS Schottky Rectifier
P5L60SP PFC-P5L60SP Datasheet
720Kb / 5P
   5A 60V MOS Schottky Rectifier
P5L60B PFC-P5L60B Datasheet
644Kb / 5P
   5A 60V MOS Schottky Rectifier
PFS5L60 PFC-PFS5L60 Datasheet
564Kb / 5P
   5A 60V MOS Schottky Rectifier
PFS5V60 PFC-PFS5V60 Datasheet
565Kb / 5P
   5A 60V MOS Schottky Rectifier
PFS560 PFC-PFS560 Datasheet
560Kb / 5P
   5A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP5M60SH TSC-TSUP5M60SH Datasheet
432Kb / 5P
   5A, 60V Trench Schottky Rectifier
logo
PFC Device Inc.
PFS5A60 PFC-PFS5A60 Datasheet
564Kb / 5P
   5A 60V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD5U60SL LUGUANG-SD5U60SL Datasheet
2Mb / 4P
   5A/60V Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com