Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB560PH Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SDB560PH
Description  60V, 5A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB560PH Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SDB560PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB560PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KSD-D0Q009-001
5
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.
SDB560PH


Similar Part No. - SDB560PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB560PH KODENSHI-SDB560PH Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
SDB560PH-1 KODENSHI-SDB560PH-1 Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB560PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB560PH-1 KODENSHI-SDB560PH-1 Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P5L60F-A PFC-P5L60F-A Datasheet
660Kb / 5P
   5A 60V MOS Schottky Rectifier
P5L60SP PFC-P5L60SP Datasheet
720Kb / 5P
   5A 60V MOS Schottky Rectifier
P5L60B PFC-P5L60B Datasheet
644Kb / 5P
   5A 60V MOS Schottky Rectifier
PFS5L60 PFC-PFS5L60 Datasheet
564Kb / 5P
   5A 60V MOS Schottky Rectifier
PFS5V60 PFC-PFS5V60 Datasheet
565Kb / 5P
   5A 60V MOS Schottky Rectifier
PFS560 PFC-PFS560 Datasheet
560Kb / 5P
   5A 60V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP5M60SH TSC-TSUP5M60SH Datasheet
432Kb / 5P
   5A, 60V Trench Schottky Rectifier
logo
PFC Device Inc.
PFS5A60 PFC-PFS5A60 Datasheet
564Kb / 5P
   5A 60V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD5U60SL LUGUANG-SD5U60SL Datasheet
2Mb / 4P
   5A/60V Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com