Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB320 Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SDB320
Description  20V, 3A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB320 Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SDB320 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB320 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB320 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB320 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB320 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KSD-D6A014-001
5
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.
SDB320


Similar Part No. - SDB320

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB320 KODENSHI-SDB320 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SDB320

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
PDS340 DIODES-PDS340_10 Datasheet
101Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
DS30478 Rev. 8 - 2
B3L30LP DIODES-B3L30LP_09 Datasheet
92Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
PDS360 DIODES-PDS360 Datasheet
82Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
PDS360 DIODES-PDS360_10 Datasheet
97Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com