Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCALUG03A123HC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # NTCALUG03A123HC
Description  NTC Thermistors, Mini Lug Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG03A123HC Datasheet(HTML) 5 Page - Vishay Siliconix

  NTCALUG03A123HC Datasheet HTML 1Page - Vishay Siliconix NTCALUG03A123HC Datasheet HTML 2Page - Vishay Siliconix NTCALUG03A123HC Datasheet HTML 3Page - Vishay Siliconix NTCALUG03A123HC Datasheet HTML 4Page - Vishay Siliconix NTCALUG03A123HC Datasheet HTML 5Page - Vishay Siliconix NTCALUG03A123HC Datasheet HTML 6Page - Vishay Siliconix NTCALUG03A123HC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 29114
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 12-Apr-11
125
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG03 Mini Lug Series
NTC Thermistors, Mini Lug Sensors
Vishay BCcomponents
For complete Curve Computation, visit: www.vishay.com/thermistors/curve-computation-list/
TABLE 3
NTCALUG03A123H
NTC Mini Lug 12K 3 %
NTCALUG03A123HC
NTC Mini Lug 12K 3 % with connector
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40
25.783
309 396
8.40
- 6.07
1.38
283 397
335 395
- 35
19.125
229 504
7.88
- 5.88
1.34
211 413
247 595
- 30
14.320
171 840
7.38
- 5.70
1.30
159 152
184 528
- 25
10.819
129 825
6.90
- 5.52
1.25
120 861
138 789
- 20
8.244
98 933
6.45
- 5.35
1.20
92 556
105 309
- 15
6.335
76 019
6.00
- 5.19
1.16
71 455
80 582
- 10
4.907
58 879
5.58
- 5.03
1.11
55 595
62 163
- 5
3.829
45 953
5.17
- 4.88
1.06
43 578
48 328
0
3.011
36 129
4.77
- 4.74
1.01
34 405
37 854
5
2.384
28 607
4.39
- 4.60
0.95
27 350
29 864
10
1.900
22 804
4.03
- 4.47
0.90
21 886
23 723
15
1.525
18 298
3.67
- 4.34
0.85
17 626
18 970
20
1.231
14 773
3.33
- 4.22
0.79
14 281
15 265
25
1.000
12 000
3.00
- 4.10
0.73
11 640
12 360
30
0.817
9803.7
3.32
- 3.99
0.83
9478.2
10 129
35
0.671
8053.9
3.63
- 3.88
0.94
7761.7
8346.2
40
0.554
6651.9
3.93
- 3.77
1.04
6390.6
6913.2
45
0.460
5522.3
4.22
- 3.67
1.15
5289.3
5755.2
50
0.384
4607.2
4.50
- 3.58
1.26
4399.9
4814.5
55
0.322
3862.1
4.77
- 3.48
1.37
3677.8
4046.4
60
0.271
3252.4
5.04
- 3.39
1.48
3088.6
3416.2
65
0.229
2751.1
5.29
- 3.30
1.60
2605.5
2896.7
70
0.195
2336.9
5.54
- 3.22
1.72
2207.4
2466.4
75
0.166
1993.3
5.78
- 3.14
1.84
1878.0
2108.6
80
0.142
1707.0
6.02
- 3.06
1.96
1604.2
1809.7
85
0.122
1467.3
6.25
- 2.99
2.09
1375.7
1559.0
90
0.105
1266.0
6.47
- 2.92
2.22
1184.1
1347.9
95
0.091
1096.2
6.69
- 2.85
2.35
1022.9
1169.4
100
0.079
952.38
6.90
- 2.78
2.48
886.71
1018.0
105
0.069
830.20
7.10
- 2.71
2.62
771.26
889.15
110
0.061
726.02
7.30
- 2.65
2.75
673.03
779.02
115
0.053
636.88
7.49
- 2.59
2.89
589.16
684.61
120
0.047
560.36
7.68
- 2.53
3.04
517.31
603.41
125
0.041
494.46
7.87
- 2.47
3.18
455.56
533.37


Similar Part No. - NTCALUG03A123HC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03A123HC VISHAY-NTCALUG03A123HC Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
NTCALUG03A123HC VISHAY-NTCALUG03A123HC Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG03A123HCA VISHAY-NTCALUG03A123HCA Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
More results

Similar Description - NTCALUG03A123HC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03_17 Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
NTCALUG03A VISHAY-NTCALUG03A_V01 Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG85A VISHAY-NTCALUG85A Datasheet
106Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com