Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCALUG03 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NTCALUG03
Description  NTC Thermistors, Mini Lug Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG03 Datasheet(HTML) 3 Page - Vishay Siliconix

  NTCALUG03_11 Datasheet HTML 1Page - Vishay Siliconix NTCALUG03_11 Datasheet HTML 2Page - Vishay Siliconix NTCALUG03_11 Datasheet HTML 3Page - Vishay Siliconix NTCALUG03_11 Datasheet HTML 4Page - Vishay Siliconix NTCALUG03_11 Datasheet HTML 5Page - Vishay Siliconix NTCALUG03_11 Datasheet HTML 6Page - Vishay Siliconix NTCALUG03_11 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 29114
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 12-Apr-11
123
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG03 Mini Lug Series
NTC Thermistors, Mini Lug Sensors
Vishay BCcomponents
For complete Curve Computation, visit: www.vishay.com/thermistors/curve-computation-list/
TABLE 1
NTCALUG03A103H
NTC Mini Lug 10K 3 % 3984 K 0.5 %
NTCALUG03A103HC
NTC Mini Lug 10K 3 % 3984 K 0.5 % with connector
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40
33.427
334 274
4.92
- 6.63
0.74
317 833
350 716
- 35
24.132
241 323
4.73
- 6.41
0.74
229 899
252 747
- 30
17.613
176 133
4.56
- 6.19
0.74
168 107
184 158
- 25
12.990
129 900
4.39
- 5.99
0.73
124 202
135 598
- 20
9.676
96 761
4.22
- 5.79
0.73
92 675
100 848
- 15
7.276
72 765
4.07
- 5.61
0.73
69 806
75 723
- 10
5.522
55 218
3.92
- 5.43
0.72
53 056
57 380
- 5
4.227
42 268
3.77
- 5.26
0.72
40 674
43 861
0
3.262
32 624
3.63
- 5.10
0.71
31 440
33 808
5
2.538
25 381
3.49
- 4.94
0.71
24 494
26 268
10
1.990
19 897
3.36
- 4.80
0.70
19 227
20 566
15
1.571
15 711
3.24
- 4.65
0.70
15 202
16 220
20
1.249
12 493
3.12
- 4.52
0.69
12 103
12 882
25
1.000
10 000
3.00
- 4.39
0.68
9700.0
10 300
30
0.806
8056.0
3.11
- 4.26
0.73
7805.1
8306.8
35
0.653
6529.7
3.22
- 4.14
0.78
6319.3
6740.2
40
0.532
5323.9
3.33
- 4.03
0.83
5146.6
5501.1
45
0.437
4365.3
3.43
- 3.92
0.88
4215.4
4515.1
50
0.360
3598.7
3.53
- 3.81
0.93
3471.6
3725.8
55
0.298
2982.3
3.63
- 3.71
0.98
2874.0
3090.5
60
0.248
2483.8
3.72
- 3.61
1.03
2391.3
2576.3
65
0.208
2078.7
3.81
- 3.51
1.09
1999.4
2157.9
70
0.175
1747.7
3.90
- 3.42
1.14
1679.5
1815.9
75
0.148
1475.9
3.99
- 3.34
1.20
1417.1
1534.8
80
0.125
1251.8
4.07
- 3.25
1.25
1200.8
1302.8
85
0.107
1066.1
4.15
- 3.17
1.31
1021.8
1110.4
90
0.091
911.59
4.23
- 3.09
1.37
873.01
950.16
95
0.078
782.46
4.31
- 3.02
1.43
748.75
816.17
100
0.067
674.11
4.38
- 2.94
1.49
644.56
703.66
105
0.058
582.84
4.46
- 2.87
1.55
556.87
608.82
110
0.051
505.68
4.53
- 2.81
1.61
482.79
528.57
115
0.044
440.19
4.60
- 2.74
1.68
419.96
460.42
120
0.038
384.41
4.66
- 2.68
1.74
366.49
402.34
125
0.034
336.75
4.73
- 2.62
1.81
320.83
352.67


Similar Part No. - NTCALUG03_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG03A103GA VISHAY-NTCALUG03A103GA Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
More results

Similar Description - NTCALUG03_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03_17 Datasheet
110Kb / 3P
   NTC Thermistors, Mini Lug Sensors
Revision: 03-Mar-17
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
NTCALUG03A VISHAY-NTCALUG03A_V01 Datasheet
159Kb / 4P
   NTC Thermistors, Mini Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG85A VISHAY-NTCALUG85A Datasheet
106Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com