Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1173 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1173
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1173 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1173 Datasheet HTML 4Page - Semtech Corporation SC1173 Datasheet HTML 5Page - Semtech Corporation SC1173 Datasheet HTML 6Page - Semtech Corporation SC1173 Datasheet HTML 7Page - Semtech Corporation SC1173 Datasheet HTML 8Page - Semtech Corporation SC1173 Datasheet HTML 9Page - Semtech Corporation SC1173 Datasheet HTML 10Page - Semtech Corporation SC1173 Datasheet HTML 11Page - Semtech Corporation SC1173 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER WITH LOW DROPOUT
REGULATOR CONTROLLER
SC1172/3
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
11
FET type
R
DS(on) (mΩ)
P
D (W )
Package
BUK556H
22
2.48
TO220
IRL2203
7.0
0.79
D
2PAK
Si4410
13.5
1.53
SO-8
)
1
(
R
I
P
)
on
(
DS
2
O
COND
δ
=
FET type
R
DS(on) (mΩ)
P
D (W )
Package
BUK556H
22
1.95
TO220
IRL2203
7.0
0.62
D
2PAK
Si4410
13.5
1.20
SO-8
BOTTOM FET - Bottom FET losses are almost entirely
due to conduction. The body diode is forced into conduc-
tion at the beginning and end of the bottom switch con-
duction period, so when the FET turns on and off, there
is very little voltage across it, resulting in low switching
losses. Conduction losses for the FET can be deter-
mined by:
For the example above:
Each of the package types has a characteristic thermal
impedance, for the TO-220 package, thermal impedance
is mostly determined by the heatsink used. For the sur-
face mount packages on double sided FR4, 2 oz printed
circuit board material, thermal impedances of 40
oC/W
for the D
2PAK and 80oC/W for the SO-8 are readily
achievable. The corresponding temperature rise is de-
tailed below:
Temperature rise (
oC)
FET type
Top FET
Bottom FET
BUK556H
49.6
(1)
39.0
(1)
IRL2203
31.6
24.8
Si4410
122.4
96
(1) With 20
oC/W Heatsink
It is apparent that single SO-8 Si4410 are not adequate for
this application, but by using parallel pairs in each posi-
tion, power dissipation will be approximately halved and
temperature rise reduced by a factor of 4.
INPUT CAPACITORS - since the RMS ripple current in
the input capacitors may be as high as 50% of the out-
put current, suitable capacitors must be chosen ac-
cordingly. Also, during fast load transients, there may
be restrictions on input di/dt. These restrictions require
useable energy storage within the converter circuitry,
either as extra output capacitance or, more usually,
additional input capacitors. Choosing low ESR input
capacitors will help maximize ripple rating for a given
size.


Similar Part No. - SC1173

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSW SEMTECH-SC1175CSW Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSW.TR SEMTECH-SC1175CSW.TR Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSW.TR SEMTECH-SC1175CSW.TR Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSWTRT SEMTECH-SC1175CSWTRT Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results

Similar Description - SC1173

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1166 SEMTECH-SC1166 Datasheet
333Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER?
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com