Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT5551 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SBT5551
Description  NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SBT5551 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SBT5551 Datasheet HTML 1Page - KODENSHI_AUK CORP. SBT5551 Datasheet HTML 2Page - KODENSHI_AUK CORP. SBT5551 Datasheet HTML 3Page - KODENSHI_AUK CORP. SBT5551 Datasheet HTML 4Page - KODENSHI_AUK CORP. SBT5551 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-T5C066-000
2
SBT5551
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100μA, IE=0
180
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
160
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
6
-
-
V
Collector cut-off current
ICBO
VCB=120V, IE=0
-
-
100
nA
Emitter cut-off current
IEBO
VEB=4V, IC=0
-
-
100
nA
DC current gain
hFE (1)
VCE=5V, IC=1mA
80
-
-
DC current gain
hFE (2)
VCE=5V, IC=10mA
80
-
250
-
DC current gain
hFE (3)
VCE=5V, IC=50mA
30
-
-
Collector-Emitter saturation voltage
VCE(sat)(1)
*
IC=10mA, IB=1mA
-
-
0.2
V
Collector-Emitter saturation voltage
VCE(sat)(2)
*
IC=50mA, IB=5mA
-
-
0.5
V
Base-Emitter saturation voltage
VBE(sat)(1)
*
IC=10mA, IB=1mA
-
-
1
V
Base-Emitter saturation voltage
VBE(sat)(2)*
IC=50mA, IB=5mA
-
-
1
V
Transition frequency
fT
VCE=10V, IC=10mA
100
-
400
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
6
pF
*
: Pulse Tester : Pulse Width ≤300
μs, Duty Cycle ≤2.0%


Similar Part No. - SBT5551

ManufacturerPart #DatasheetDescription
logo
AUK corp
SBT5551 AUK-SBT5551 Datasheet
191Kb / 3P
   NPN Silicon Transistor
SBT5551 AUK-SBT5551 Datasheet
193Kb / 3P
   NPN Silicon Transistor
SBT5551F AUK-SBT5551F Datasheet
191Kb / 3P
   NPN Silicon Transistor
SBT5551F AUK-SBT5551F Datasheet
192Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
SBT5551F KODENSHI-SBT5551F Datasheet
265Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - SBT5551

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com