Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2576G-XX-TQ5-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # P2576G-XX-TQ5-T
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2576G-XX-TQ5-T Datasheet(HTML) 7 Page - Unisonic Technologies

  P2576G-XX-TQ5-T Datasheet HTML 1Page - Unisonic Technologies P2576G-XX-TQ5-T Datasheet HTML 2Page - Unisonic Technologies P2576G-XX-TQ5-T Datasheet HTML 3Page - Unisonic Technologies P2576G-XX-TQ5-T Datasheet HTML 4Page - Unisonic Technologies P2576G-XX-TQ5-T Datasheet HTML 5Page - Unisonic Technologies P2576G-XX-TQ5-T Datasheet HTML 6Page - Unisonic Technologies P2576G-XX-TQ5-T Datasheet HTML 7Page - Unisonic Technologies P2576G-XX-TQ5-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P2576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R101-025.F
TYPICAL APPLICATION CIRCUIT (Ta=25°C, VCC=12V, unless otherwise specified)
Dropout Voltage
2.0
1.5
1.0
0.5
-75
0
25
125 150
Junction Temperature (°C)
-50 -25
100
50 75
0
20
0
Input Voltage (V)
8
18
16
14
12
10
10
20
30
40
50
60
Quiescent Current
VOUT=5V,
Measured at Ground Pin T =25°C
22
24
ILOAD=3A
ILOAD=0.2A
Standby Quiescent Current
75
60
50
40
0
25
125
Junction Temperature (°C)
-50 -25
100
50
75
30
70
ON/OFF PIN:5V
VIN=40V
VIN=12V
Time(ms)
Load Transient Response
0
-1
1
0.01
3
0 0.4
1.2 1.6 2.0 2.4 2.8
0.8
3.6 4.0
3.2
VIN=12V, VOUT=5V@3A


Similar Part No. - P2576G-XX-TQ5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P2576G-XX-TQ5-T UTC-P2576G-XX-TQ5-T Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - P2576G-XX-TQ5-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com