Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP320LF2401AVFS Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP320LF2401AVFS
Description  DSP CONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2401AVFS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP320LF2401AVFS Datasheet HTML 6Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 7Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 8Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 9Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 10Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 11Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 12Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 13Page - Texas Instruments TMP320LF2401AVFS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
terminal functions (continued)
Terminal Functions(Continued)
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
ADCIN00
17
Analog input channel 0
ADCIN01
16
Analog input channel 1
ADCIN02
15
Analog input channel 2
ADCIN03
14
Analog input channel 3
ADCIN04
13
Analog input channel 4
VCCA
19
Analog supply voltage for ADC (3.3 V)‡ Internally connected to VREFHI
VSSA
18
Analog ground reference for ADC. Internally connected to VREFLO .
SCITXD/IOPB3
3
SCI asynchronous serial port transmit data or GPIO
(
↑)
SCIRXD/IOPB4
2
SCI asynchronous serial port receive data or GPIO
(
↑)
TCK/IOPB1
4
JTAG test clock or GPIO
(
↑)
Function when TRST = 0: IOPB1
Function when TRST = 1: TCK
TDI/OPB5§
24
JTAG test data input or GPO. When TRST is low (i.e., when the JTAG connector is not connected to the
DSP), the TDI/OPB5 pin acts as an output. When RS is low, the OPB5 pin is asynchronously forced into
a high-impedance state and when RS subsequently rises, it will remain in high-impedance state until
software configures this pin as an output. The B5DIR bit (bit 13 of the PBDATDIR register) controls the
enable to this output buffer. Bit 13 of the MCRA register will have no effect on this pin.
(
↑)
This pin must be held low during a reset to invoke the on-chip boot ROM.
Function when TRST = 0: OPB5
Function when TRST = 1: TDI
TDO/IOPB2
23
JTAG scan out, test data output or GPIO
(
↓)
Function when TRST = 0: IOPB2
Function when TRST = 1: TDO
TMS/XF
1
JTAG test mode select or GPO. External flag output (latched software-programmable signal). XF is a
general-purpose output pin. It is set/reset by the SETC XF/CLRC XF instruction. This pin is configured
as an external flag output by all device resets.
(
↑)
Function when TRST = 0: XF
Function when TRST = 1: TMS
NOTE: The enabling/disabling of the XF pin is controlled by Bit 0 of the SCSR4 register at address
0x701B (in addition to the TRST pin). Upon reset, this bit is zero, disabling the XF pin. This bit must be
set by user code before it can be used. This bit is not readable; hence, its status cannot be determined.
† Bold face type indicates function of the device pin after reset.
‡ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
§ TDI is MUXed with digital output, not digital I/O.
¶ Pin 26 is VCCP on LF2401A and is a No Connect (NC) on LC2401A.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±20 µA.)
NOTE: On the target hardware, pins 13 and 14 (EMU0/EMU1) of the JTAG header must be pulled high.


Similar Part No. - TMP320LF2401AVFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320LF2401AVFS TI-TMP320LF2401AVFS Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMP320LF2401AVFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com