Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-2400-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-2400-12
Description  2400W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-2400-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RSP-2400-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-2400-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-2400-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-2400-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-2400-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RSP-2400-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MechanicalSpecification
FileName:RSP-2400-SPEC2010-10-18
ACInput TerminalPinNo. Assignment
PinNo.
1
3
2
Assignment
AC/N
AC/L
FG
BlockDiagram
PFCfosc:88KHz
PWMfosc:100KHz
FAN
O.V.P.
-V
+V
RECTIFIERS
&
FILTER
-S
+S
CIRCUIT
DETECTION
POWER
AUX
REMOTE
CONTROL
RC
FILTER
&
RECTIFIERS
AUXPOWER
(12V/0.1A)
SHARING
LOAD
CS
P OK
LIMITING
ACTIVE
CURRENT
INRUSH
CONTROL
I/P
SWITCHING
POWER
RECTIFIERS
FILTER
EMI
PWM
&
PFC
PFC
CONTROL
O.T.P.
O.L.P.
CaseNo.982BUnit:mm
8-M4(BothSides)L=5mm
40
27
236.3
278
CN1
CN1
CN2
CN2
CN3
CN3
16max.
+V
-V
OUTPUT
27
236.3
4-M4L=5mm
direction
Airflow
INPUT
PinNo.
PinNo.
2
1
3
4
RCG:RemoteON/OFFGround
RC:
-S:-RemoteSensing
RemoteON/OFFCS:LoadShare
PV:OutputVoltageExternalControl+S:+RemoteSensing
PS:ReferenceVoltage Terminal
Assignment
Assignment
RC
RCG
PV
PS
MatingHousing
Terminal
orequivalent
orequivalent
8
6
5,7
+S
-S
CS(CurrentShare)
ControlPinNo. Assignment(CN1,CN2):HRSDF11-8DP-2DS orequivalent
HRSDF11-8DS HRSDF11-**SC
PinNo.
PinNo.
PinNo.
PinNo.
3
6
9
2
5
8
P OKGND:PowerOKGround
RCG:RemoteON/OFFGround
AUX: AuxiliaryOutput
P OK:PowerOKSignal(RelayContact)
RC:RemoteON/OFF
OLP:OLP modeselect
P OK2:PowerOKSignal(TTL Signal)
AUXG: AuxiliaryGround
OL-SD:OLP modeselect
1
4
7
10
Assignment
Assignment
Assignment
Assignment
P OKGND2
P OK
P OKGND
MatingHousing
Terminal
orequivalent
orequivalent
ControlPinNo. Assignment(CN3):HRSDF11-10DP-2DS orequivalent
HRSDF11-10DS HRSDF11-**SC
RC
OLP
RCG
AUX
P OK2
AUXG
OL-SD
8
8
6
6
4
4
2
2
1
1
3
3
5
5
7
7
10
10
9
9
8
8
6
6
4
4
2
2
1
1
3
3
5
5
7
7
8
8
6
6
4
4
2
2
1
1
3
3
5
5
7
7
2400WSingleOutputPowerSupply
R S P - 2 4 0 0 series


Similar Part No. - RSP-2400-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-2400-12 MEANWELL-RSP-2400-12 Datasheet
420Kb / 5P
   2400W Single Output Power Supply
RSP-2400-12 MEANWELL-RSP-2400-12 Datasheet
437Kb / 6P
   2400W Single Output Power Supply
More results

Similar Description - RSP-2400-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-2400_1112 MEANWELL-RSP-2400_1112 Datasheet
437Kb / 6P
   2400W Single Output Power Supply
logo
Total Power Internation...
RSP-2400 TOTAL-POWER-RSP-2400 Datasheet
442Kb / 6P
   2400W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-2400-12 MEANWELL-RSP-2400-12 Datasheet
420Kb / 5P
   2400W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-450 MEANWELL-SE-450 Datasheet
846Kb / 2P
   450W Single Output Power Supply
SP-750 MEANWELL-SP-750 Datasheet
348Kb / 3P
   750W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com