Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S37704p Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # S37704p
Description  8CH Darlington TR Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S37704p Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  S37704p Datasheet HTML 1Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 2Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 3Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 4Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 5Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 6Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 7Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 8Page - KODENSHI_AUK CORP. S37704p Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
KSD-I7C007-000
4
May. 2011 REV. 00
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
Output Leakage
Current
ICEX
1
VCE=50V, Ta=25°C
-
-
50
uA
VCE=50V, Ta=85°C
-
-
100
S37702/P
VCE=50V, VIN=6V
-
-
500
S37704/P
VCE=50V, VIN=1V
-
-
500
Collector – Emitter
Saturation Voltage
VCE(SAT)
2
IOUT=350mA, IIN=500uA
-
1.3
1.6
V
IOUT=200mA, IIN=350uA
-
1.1
1.3
IOUT=100mA, IIN=250uA
-
0.9
1.1
Input Current
S37702/P
IIN(ON)
3
VIN=17V
-
0.82
1.25
mA
S37703/P
VIN=3.85V
-
0.93
1.35
S37704/P
VIN=5V
-
0.35
0.5
VIN=12V
-
1.0
1.45
IIN(OFF)
4
IOUT=500uA, Ta=85°C
50
65
-
uA
Input Voltage
S37702/P
VIN(ON)
5
VCE=2V, IOUT=300mA
-
-
13
V
S37703/P
VCE=2V, IOUT=200mA
-
-
2.4
VCE=2V, IOUT=250mA
-
-
2.7
VCE=2V, IOUT=300mA
-
-
3.0
S37704/P
VCE=2V, IOUT=125mA
-
-
5.0
VCE=2V, IOUT=200mA
-
-
6.0
VCE=2V, IOUT=275mA
-
-
7.0
VCE=2V, IOUT=350mA
-
-
8.0
DC Current Transfer Ratio
hFE
2
VCE=2V, IOUT=350mA
1000
-
-
Clamp Diode Reverse Current
IR
6
VR=50V, Ta=25°C
-
-
50
uA
VR=50V, Ta=85°C
-
-
100
Clamp Diode Forward Voltage
VF
7
IF=350mA
-
-
2.0
V
Input Capacitance
CIN
-
-
15
-
pF
Turn-ON Delay
tON
8
VOUT=50V, RL=120Ω, CL=15pF
-
0.1
-
uS
Turn-OFF Delay
tOFF
-
0.2
-
S3770x/P
◈ Electrical characteristics (Ta=-40~85°C; unless otherwise specified )


Similar Part No. - S37704p

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3771 KODENSHI-S3771 Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3771P KODENSHI-S3771P Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3772 KODENSHI-S3772 Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3772P KODENSHI-S3772P Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
S3773 KODENSHI-S3773 Datasheet
569Kb / 12P
   7CH Darlington TR Sink Driver
More results

Similar Description - S37704p

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3783 KODENSHI-S3783 Datasheet
403Kb / 10P
   8CH Darlington TR Source Driver
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com