Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5230M Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # S5230M
Description  Low Drop Output Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S5230M Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  S5230M Datasheet HTML 1Page - KODENSHI_AUK CORP. S5230M Datasheet HTML 2Page - KODENSHI_AUK CORP. S5230M Datasheet HTML 3Page - KODENSHI_AUK CORP. S5230M Datasheet HTML 4Page - KODENSHI_AUK CORP. S5230M Datasheet HTML 5Page - KODENSHI_AUK CORP. S5230M Datasheet HTML 6Page - KODENSHI_AUK CORP. S5230M Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KSD-I5O005-003
2
S52xxM
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Rating
Unit
Input Voltage
VI
16
V
Control Voltage
VCT
16
V
PD (Note1)
500
Power Dissipation
PD (Note2)
150
mW
Junction Temperature
TJ
150
°C
Operating Temperature Range
Topr
-40~+85
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
Note 1 : Mount on a glass epoxy circuit board of 30x30mm Pad dimension of 50mm2
Note 2 : No Heat sink
Device Selection Guide
Device
Output Voltage
S5215M
1.5V
S5218M
1.8V
S5225M
2.5V
S5228M
2.8V
S5230M
3.0V
S5233M
3.3V
S5250M
5.0V


Similar Part No. - S5230M

ManufacturerPart #DatasheetDescription
logo
AUK corp
S5230M AUK-S5230M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
logo
KODENSHI_AUK CORP.
S5230M KODENSHI-S5230M Datasheet
197Kb / 7P
   Low Drop Output Voltage Regulator
More results

Similar Description - S5230M

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
S78DL33 AUK-S78DL33 Datasheet
218Kb / 3P
   Low Drop output Voltage Regulator
S78DL05 AUK-S78DL05_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com